Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3013 Datasheet(PDF) 6 Page - STMicroelectronics

Part # MAX3013
Description  1.2V to 3.6V, 0.1uA, 100Mbps, 8-Channel Level Translators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MAX3013 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button MAX3013 Datasheet HTML 2Page - STMicroelectronics MAX3013 Datasheet HTML 3Page - STMicroelectronics MAX3013 Datasheet HTML 4Page - STMicroelectronics MAX3013 Datasheet HTML 5Page - STMicroelectronics MAX3013 Datasheet HTML 6Page - STMicroelectronics MAX3013 Datasheet HTML 7Page - STMicroelectronics MAX3013 Datasheet HTML 8Page - STMicroelectronics MAX3013 Datasheet HTML 9Page - STMicroelectronics MAX3013 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Typical Operating Characteristics (continued)
(Data rate = 100Mbps, VCC = 3.3V, VL = 1.8V, TA = +25
°C, unless otherwise noted.)
+1.2V to +3.6V, 0.1µA, 100Mbps,
8-Channel Level Translators
6
_______________________________________________________________________________________
0
0.2
0.6
0.4
0.8
1.0
RISE/FALL TIME
vs. CAPACITIVE LOAD ON I/O VL
CAPACITIVE LOAD (pF)
010
515
20
DRIVING I/O VCC
tFALL
tRISE
0
1
3
2
4
5
PROPAGATION DELAY
vs. CAPACITIVE LOAD ON I/O VCC
CAPACITIVE LOAD (pF)
020
10
30
40
DRIVING I/O VL
tPHL
tPLH
0
1
3
2
4
5
PROPAGATION DELAY
vs. CAPACITIVE LOAD ON I/O VL
CAPACITIVE LOAD (pF)
010
515
20
DRIVING I/O VCC
tPHL
tPLH
TYPICAL I/O VCC DRIVING
I/O VCC
1V/div
I/O VL
1V/div
4ns/div
150
160
180
170
190
200
tEN-VCC vs. TEMPERATURE
(CIOVCC = 15pF)
TEMPERATURE (
°C)
-40
35
10
-15
60
85
0
20
60
40
80
100
tEN-VL vs. TEMPERATURE
(CIOVL = 15pF)
TEMPERATURE (
°C)
-40
35
10
-15
60
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com