Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3013 Datasheet(PDF) 11 Page - STMicroelectronics

Part # MAX3013
Description  1.2V to 3.6V, 0.1uA, 100Mbps, 8-Channel Level Translators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MAX3013 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button MAX3013 Datasheet HTML 7Page - STMicroelectronics MAX3013 Datasheet HTML 8Page - STMicroelectronics MAX3013 Datasheet HTML 9Page - STMicroelectronics MAX3013 Datasheet HTML 10Page - STMicroelectronics MAX3013 Datasheet HTML 11Page - STMicroelectronics MAX3013 Datasheet HTML 12Page - STMicroelectronics MAX3013 Datasheet HTML 13Page - STMicroelectronics MAX3013 Datasheet HTML 14Page - STMicroelectronics MAX3013 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
+1.2V to +3.6V, 0.1µA, 100Mbps,
8-Channel Level Translators
______________________________________________________________________________________
11
Detailed Description
The MAX3013 logic-level translator provides the level
shifting necessary to allow 100Mbps data transfer in a
multivoltage system. Externally applied voltages, VCC
and VL, set the logic levels on either side of the device.
Logic signals present on the VL side of the device
appear as a higher voltage logic signal on the VCC side
of the device, and vice-versa. The MAX3013 bidirection-
al level translator allows data translation in either direc-
tion (VL
↔ VCC) on any single data line. The MAX3013
accepts VL from +1.2V to (VCC - 0.4V) and operate with
VCC from +1.65V to +3.6V, making it ideal for data trans-
fer between low-voltage ASICs/PLDs and higher voltage
systems.
The MAX3013 features an input enable mode (EN) that
reduces VCC and VL supply currents to 0.1µA, when in
tristate mode. This device operates at a guaranteed
data rate of 100Mbps for VL > +1.8V.
Level Translation
For proper operation, ensure that +1.65V
≤ VCC ≤ +3.6V,
+1.2V
≤ VL ≤ (VCC - 0.4V). During power-up sequencing,
VL
≥ VCC does not damage the device. During power-
supply sequencing, when VCC is floating and VL is pow-
ering up, up to 40mA current can be sourced to each
load on the VL side, yet the device does not latch up.
The maximum data rate depends heavily on the load
capacitance (see the Typical Operating Characteristics,
Rise/Fall Times), output impedance of the driver, and the
operating voltage range (see the Timing Characteristics).
Input Driver Requirements
The MAX3013 architecture is based on a one-shot
accelerator output stage (see Figure 5). Accelerator
output stages are always in tristate mode except when
there is a transition on any of the translators on the
input side, either I/O VL or I/O VCC. Then, a short pulse
is generated during which the accelerator output
stages become active and charge/discharge the
capacitances at the I/Os. Due to its bidirectional nature,
both input stages become active during the one-shot
pulse. This can lead to some current feeding into the
external source that is driving the translator. However,
this behavior helps to speed up the transition on the
driven side.
For proper operation, the external driver must meet the
following conditions: <25
Ω output impedance and
>20mA output current. Figure 6 shows a graph of
Typical Input Current vs. Input Voltage.
Output Load Requirements
The MAX3013 I/O was designed to drive CMOS inputs.
Do not load the I/O lines with a resistive load less than
25k
Ω. Also, do not place an RC circuit at the input of
the MAX3013 to slow down the edges. If a slower data
rate is required, please see the MAX3000E/MAX3001E
logic-level translator.
For I2C™ level translation, please refer to the MAX3372E–
MAX3379E/MAX3390E–MAX3393E data sheet.
OVCC
VL
IVL
VCC
P
ONE-SHOT
N
ONE-SHOT
TYPICAL DRIVING ONE-CHANNEL ON VL SIDE
150
Ω
4k
Ω
IVCC
VL
OVL
VCC
TYPICAL DRIVING ONE-CHANNEL ON VCC SIDE
4k
Ω
150
Ω
N
ONE-SHOT
P
ONE-SHOT
Figure 5. MAX3013 Simplified Diagram (1 I/O line)
I2C is a trademark of Philips Corp. Purchase of I2C components
of Maxim Integrated Products, Inc. or one of its sublicensed
Associated Companies, conveys a license under the Philips I2C
Patent Rights to use these components in an I2C system, provid-
ed that the system conforms to the I2C Standard Specification
as defined by Philips.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com