Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3013 Datasheet(PDF) 4 Page - STMicroelectronics

Part # MAX3013
Description  1.2V to 3.6V, 0.1uA, 100Mbps, 8-Channel Level Translators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MAX3013 Datasheet(HTML) 4 Page - STMicroelectronics

  MAX3013 Datasheet HTML 1Page - STMicroelectronics MAX3013 Datasheet HTML 2Page - STMicroelectronics MAX3013 Datasheet HTML 3Page - STMicroelectronics MAX3013 Datasheet HTML 4Page - STMicroelectronics MAX3013 Datasheet HTML 5Page - STMicroelectronics MAX3013 Datasheet HTML 6Page - STMicroelectronics MAX3013 Datasheet HTML 7Page - STMicroelectronics MAX3013 Datasheet HTML 8Page - STMicroelectronics MAX3013 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
+1.2V to +3.6V, 0.1µA, 100Mbps,
8-Channel Level Translators
4
_______________________________________________________________________________________
Note 1: VL must be less than or equal to VCC - 0.4V during normal operation. However, VL can be greater than VCC - 0.4V during
starting up and shutting down conditions.
Note 2: All units are 100% production tested at TA = +25°C. Limits over the operating temperature range are guaranteed by design
and not production tested.
Note 3: Not production tested. Guaranteed by design.
TIMING CHARACTERISTICS (continued)
(VCC = +1.65V to +3.6V, VL = +1.2V to (VCC - 0.4V) (Note 1), EN = VL, CIOVL
15pF, CIOVCC ≤ 40pF, TA = TMIN to TMAX. Typical val-
ues are at VCC = +3.3V, VL = +1.8V, TA = +25
°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Propagation Delay (Driving I/O
VCC_)
I/OVCC-VL
CIOVL = 15pF, Figure 2
6
ns
Part-to-Part Skew
tPPSKEW
CIOVCC = 15pF, CIOVL = 15pF, VCC = 2.5V,
VL = 1.8V (Note 3)
4ns
Propagation Delay from I/O VL_ to
I/O VCC_ after EN
tEN-VCC
CIOVCC = 15pF, Figure 3
1000
ns
Propagation Delay from I/O VCC_
to I/O VL_ after EN
tEN-VL
CIOVL = 15pF, Figure 4
1000
ns
CIOVCC = 15pF, CIOVL = 15pF, VL > 1.8V
100
Maximum Data Rate
CIOVCC = 15pF, CIOVL = 15pF, VL > 1.2V
80
Mbps
Typical Operating Characteristics
(Data rate = 100Mbps, VCC = 3.3V, VL = 1.8V, TA = +25
°C, unless otherwise noted.)
0
0.2
0.1
0.4
0.3
0.5
0.6
VL SUPPLY CURRENT
vs. SUPPLY VOLTAGE
VCC SUPPLY VOLTAGE (V)
1.5
3.0
2.5
2.0
3.5
4.0
DRIVING I/O VL
VL = 1.25V
CIOVCC = 15pF
0
0.2
0.6
0.4
0.8
1.0
VL SUPPLY CURRENT
vs. SUPPLY VOLTAGE
VCC SUPPLY VOLTAGE (V)
2.0
3.0
2.5
3.5
4.0
DRIVING I/O VL
VL = 1.8V
CIOVCC = 15pF
0
5
15
10
20
25
VCC SUPPLY CURRENT
vs. SUPPLY VOLTAGE
VCC SUPPLY VOLTAGE (V)
2.0
3.0
2.5
3.5
4.0
DRIVING I/O VL
VL = 1.8V
CIOVCC = 15pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com