Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3013 Datasheet(PDF) 10 Page - STMicroelectronics

Part # MAX3013
Description  1.2V to 3.6V, 0.1uA, 100Mbps, 8-Channel Level Translators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MAX3013 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button MAX3013 Datasheet HTML 6Page - STMicroelectronics MAX3013 Datasheet HTML 7Page - STMicroelectronics MAX3013 Datasheet HTML 8Page - STMicroelectronics MAX3013 Datasheet HTML 9Page - STMicroelectronics MAX3013 Datasheet HTML 10Page - STMicroelectronics MAX3013 Datasheet HTML 11Page - STMicroelectronics MAX3013 Datasheet HTML 12Page - STMicroelectronics MAX3013 Datasheet HTML 13Page - STMicroelectronics MAX3013 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
+1.2V to +3.6V, 0.1µA, 100Mbps,
8-Channel Level Translators
10
______________________________________________________________________________________
MAX3013
I/O VCC
VL
CIOVCC
I/O VL
SOURCE
EN
t'EN-VCC
MAX3013
I/O VCC
I/O VL
VL
VL
0V
I/O VCC
VCC/2
VCC
0V
0V
EN
CIOVCC
I/O VL
SOURCE
EN
t"EN-VCC
I/O VL
VL
VL
0V
I/O VCC
VCC/2
VCC
0V
0V
EN
tEN-VCC IS WHICHEVER IS LARGER BETWEEN t'EN-VCC AND t"EN-VCC.
Figure 3. Propagation Delay from I/O VL to I/O VCC after EN
MAX3013
I/O VCC
CIOVL
VCC
I/O VL
SOURCE
EN
t'EN-VL
MAX3013
I/O VCC
I/O VCC
VL
VCC
0V
I/O VL
VL/2
VL
0V
0V
EN
CIOVL
I/O VL
SOURCE
EN
t"EN-VL
I/O VCC
VL
VCC
0V
I/O VL
VL/2
VL
0V
0V
EN
tEN-VCC IS WHICHEVER IS LARGER BETWEEN t'EN-VCC AND t"EN-VCC.
Figure 4. Propagation Delay from I/O VCC to I/O VL after EN
Test Circuits/Timing Diagrams (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com