Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL1623PH Datasheet (PDF) - NXP Semiconductors

SSL1623PH Datasheet PDF - NXP Semiconductors
Part # SSL1623PH
Download  SSL1623PH Download
File Size   159.95 Kbytes
Page   18 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description SMPS IC for mains LED drivers

SSL1623PH Datasheet (PDF)

Go To PDF Page Download Datasheet
SSL1623PH Datasheet PDF - NXP Semiconductors

Part # SSL1623PH
Download  SSL1623PH Click to download

File Size   159.95 Kbytes
Page   18 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description SMPS IC for mains LED drivers

SSL1623PH Datasheet (HTML) - NXP Semiconductors


SSL1623PH Product details

General description
The SSL1623PH is a Switched Mode Power Supply (SMPS) controller IC that operates
directly from the rectified universal AC mains. It is implemented in the high voltage Easy
High Voltage Silicon-On-Insulator (EZ-HV SOI) process, combined with a low voltage
Bipolar Complementary Metal Oxide Semiconductor (BiCMOS) process.
The device includes a high voltage power switch and a start-up circuit that operates
directly from the rectified mains voltage. A dedicated circuit for valley switching is built in,
which makes a very efficient slim-line electronic LED driver concept possible.
The SSL1623PH can operate in LED applications with a power range of up to 25 W.
Applications below 15 W are more suited to the SSL152x family of mains LED drivers.
In its most basic version of application the SSL1623PH acts as a voltage source. Here no
additional secondary electronics are required. A combined voltage and current source can
be realized with minimum costs for external components. Implementation of the
SSL1623PH renders an efficient and low cost LED power supply system.

Features and benefits
- Integrated power switch: 6.5 Ω and 650 V
- Operates from universal AC mains supplies, 80 V to 276 V
- Adjustable frequency for flexible design
- RC oscillator for load insensitive regulation loop constant
- Valley switching for minimum switch-on loss
- Adjustable overcurrent protection
- Undervoltage protection
- Temperature protection
- Short-circuit winding protection
- Safe restart mode for system fault conditions
- Simple application with both primary and secondary (opto) feedback
- 16-pin DIP package




Similar Part No. - SSL1623PH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSL1623PH NXP-SSL1623PH Datasheet
85Kb / 15P
SMPS ICs for mains LED drivers
Rev. 01-15 September 2008
More results


Similar Description - SSL1623PH

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STR-F6600 SANKEN-STR-F6600 Datasheet
191Kb / 4P
SMPS PRIMARY IC
logo
NXP Semiconductors
SSL152X NXP-SSL152X Datasheet
94Kb / 17P
SMPS ICs for mains LED drivers
Rev. 01-15 September 2008
SSL1623PH NXP-SSL1623PH Datasheet
85Kb / 15P
SMPS ICs for mains LED drivers
Rev. 01-15 September 2008
SSL1750 NXP-SSL1750 Datasheet
162Kb / 29P
SMPS control IC for LED drivers
Rev. 01-15 September 2008
SSL2101 NXP-SSL2101 Datasheet
118Kb / 22P
SMPS IC for dimmable LED lighting
Rev. 04-28 August 2009
SSL2102 NXP-SSL2102 Datasheet
116Kb / 21P
Mains LED driver IC for dimmable LED lighting
Rev. 01-29 June 2009
SSL152X NXP-SSL152X_09 Datasheet
103Kb / 17P
SMPS ICs for mains LED drivers
Rev. 02-10 March 2009
SSL2103 NXP-SSL2103 Datasheet
414Kb / 21P
SMPS controller IC for dimmable LED lighting
Rev. 2-25 November 2010
logo
Rohm
BD555BKFV ROHM-BD555BKFV Datasheet
737Kb / 13P
BD555BKFV AC/DC Controller IC for mains dimmable LED lighting
logo
Roithner LaserTechnik G...
D-11 ROITHNER-D-11 Datasheet
64Kb / 2P
DRIVERS for LED
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com