Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL1623PH Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SSL1623PH
Description  SMPS IC for mains LED drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL1623PH Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SSL1623PH Datasheet HTML 4Page - NXP Semiconductors SSL1623PH Datasheet HTML 5Page - NXP Semiconductors SSL1623PH Datasheet HTML 6Page - NXP Semiconductors SSL1623PH Datasheet HTML 7Page - NXP Semiconductors SSL1623PH Datasheet HTML 8Page - NXP Semiconductors SSL1623PH Datasheet HTML 9Page - NXP Semiconductors SSL1623PH Datasheet HTML 10Page - NXP Semiconductors SSL1623PH Datasheet HTML 11Page - NXP Semiconductors SSL1623PH Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
SSL1623PH
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 13 September 2010
8 of 18
NXP Semiconductors
SSL1623PH
SMPS IC for mains LED drivers
8.6.4 Overvoltage protection
Overvoltage protection can be achieved in the application by pulling pin REG above its
normal operation level or by keeping the level of pin AUX above Vdet(demag). The current
primary stroke is terminated immediately and no new primary stroke is started until the
voltage on pin REG drops to its normal operation level. Pin REG has an internal clamp.
The current feed into pin REG must be limited.
8.7 Characteristics of the complete LED power supply
8.7.1 Input
The input voltage range comprises the universal AC mains from 80 V to 276 V.
8.7.2 Accuracy
The accuracy of the complete converter, functioning as a voltage source with primary
sensing, is approximately 8 % (mainly dependent on the transformer coupling). The
accuracy with secondary sensing is defined by the accuracy of the external components.
For safety requirements in case of optocoupler feedback loss, the primary sensing
remains active when an overvoltage circuit is connected.
8.7.3 Efficiency
An efficiency of over 80 % at maximum output power can be achieved for a complete
converter designed for universal mains.
8.7.4 Ripple
A minimum ripple is obtained in a system designed for a maximum duty factor of 50 %
under normal operating conditions and a minimized dead time. The magnitude of the
ripple in the output voltage is determined by the frequency and duty factor of the
converter, the output current level, and the value and Equivalent Series Resistance (ESR) of
the output capacitor.
9.
Limiting values
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Voltage
VCC
supply voltage
continuous
[1]
−0.4
+40
V
VRC
voltage on pin RC
[1]
−0.4
+3
V
VSOURCE
voltage on pin SOURCE
−0.4
+5
V
VDRAIN
voltage on pin DRAIN
−0.4
+650
V
Current
IREG
current on pin REG
[2] -6
mA
IAUX
current on pin AUX
[2]
−10
+5
mA
Ich
charge current
oscillator capacitor
−3-
mA
Isource
source current
−2+2
A
IDRAIN
current on pin DRAIN
−2+2
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com