Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL1623PH Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SSL1623PH
Description  SMPS IC for mains LED drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL1623PH Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SSL1623PH Datasheet HTML 3Page - NXP Semiconductors SSL1623PH Datasheet HTML 4Page - NXP Semiconductors SSL1623PH Datasheet HTML 5Page - NXP Semiconductors SSL1623PH Datasheet HTML 6Page - NXP Semiconductors SSL1623PH Datasheet HTML 7Page - NXP Semiconductors SSL1623PH Datasheet HTML 8Page - NXP Semiconductors SSL1623PH Datasheet HTML 9Page - NXP Semiconductors SSL1623PH Datasheet HTML 10Page - NXP Semiconductors SSL1623PH Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
SSL1623PH
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 13 September 2010
7 of 18
NXP Semiconductors
SSL1623PH
SMPS IC for mains LED drivers
8.5 Demagnetization
The system operates in discontinuous conduction mode all the time. As long as the
secondary stroke has not ended, the oscillator will not start a new primary stroke. During
the suppression time tsup(xfmr_ring), demagnetization recognition is suppressed. This
suppression may be necessary in applications where the transformer has a large leakage
inductance and at low output voltages.
8.6 Protection
8.6.1 Overcurrent protection
The cycle-by-cycle peak drain current limit circuit uses the external source resistor RI
(see Figure 5) to measure the current. The circuit is activated after the leading edge
blanking time tleb. The protection circuit limits the source voltage to VSOURCE(max) and thus
limits the primary peak current.
8.6.2 Short-winding protection
The short-winding protection circuit is also activated after the leading edge blanking time.
If the source voltage exceeds the short-winding protection voltage Vswp, the SSL1623PH
stops switching. Only a power-on reset will restart normal operation. The short-winding
protection also protects against a secondary diode short-circuit.
8.6.3 Overtemperature protection
An accurate temperature protection is provided in the SSL1623PH. When the junction
temperature exceeds the thermal shutdown temperature, the IC stops switching. During
thermal protection the IC current is lowered to the start-up current. The IC continues
normal operation as soon as the overtemperature situation has disappeared.
Reflected voltage at N
× V
o =80V.
Fig 4.
Typical phase of drain ringing at switch-on
f (kHz)
0
800
600
200
400
001aaa311
0
−20
20
40
phase
(
°)
−40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com