Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL1623PH Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SSL1623PH
Description  SMPS IC for mains LED drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL1623PH Datasheet(HTML) 4 Page - NXP Semiconductors

  SSL1623PH Datasheet HTML 1Page - NXP Semiconductors SSL1623PH Datasheet HTML 2Page - NXP Semiconductors SSL1623PH Datasheet HTML 3Page - NXP Semiconductors SSL1623PH Datasheet HTML 4Page - NXP Semiconductors SSL1623PH Datasheet HTML 5Page - NXP Semiconductors SSL1623PH Datasheet HTML 6Page - NXP Semiconductors SSL1623PH Datasheet HTML 7Page - NXP Semiconductors SSL1623PH Datasheet HTML 8Page - NXP Semiconductors SSL1623PH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
SSL1623PH
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 13 September 2010
4 of 18
NXP Semiconductors
SSL1623PH
SMPS IC for mains LED drivers
7.
Pinning information
7.1 Pinning
7.2 Pin description
Fig 2.
Pin configuration
SSL1623PH
n.c.
n.c.
n.c.
n.c.
VCC
DRAIN
GND
n.c.
RC
SOURCE
REG
AUX
n.c.
n.c.
SGND
n.c.
014aaa345
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
Table 3.
Pin description
Symbol
Pin
Description
Vcc
3
supply voltage
GND
4
ground
RC
5
frequency setting
REG
6
regulation input
SGND
8
signal ground; preferably connect to pin GND
AUX
11
input for voltage from auxiliary winding for timing (demagnetization)
SOURCE
12
source of internal Metal-Oxide Semiconductor (MOS) switch
n.c.
1, 2, 7, 9, 10,
13, 15, 16.
not connected
DRAIN
14
drain of internal MOS switch; input for start-up current and valley
sensing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com