Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL1623PH Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SSL1623PH
Description  SMPS IC for mains LED drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL1623PH Datasheet(HTML) 2 Page - NXP Semiconductors

  SSL1623PH Datasheet HTML 1Page - NXP Semiconductors SSL1623PH Datasheet HTML 2Page - NXP Semiconductors SSL1623PH Datasheet HTML 3Page - NXP Semiconductors SSL1623PH Datasheet HTML 4Page - NXP Semiconductors SSL1623PH Datasheet HTML 5Page - NXP Semiconductors SSL1623PH Datasheet HTML 6Page - NXP Semiconductors SSL1623PH Datasheet HTML 7Page - NXP Semiconductors SSL1623PH Datasheet HTML 8Page - NXP Semiconductors SSL1623PH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
SSL1623PH
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 13 September 2010
2 of 18
NXP Semiconductors
SSL1623PH
SMPS IC for mains LED drivers
3.
Applications
LED ballasts
Contour lighting
LED spotlights
Channel letter lighting
Down lighting
Commercial lighting (retail displays)
4.
Quick reference data
[1]
Pins VCC and RC are not allowed to be current driven.
5.
Ordering information
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
continuous
[1]
−0.4
-
+40
V
VDRAIN
voltage on pin DRAIN
−0.4
-
+650
V
IDRAIN
current on pin DRAIN
no auxiliary supply
-
0.5
-
mA
RDSon
drain-source on-state
resistance
Isource = −0.5 A
Tj =25 °C-
6.5
7.5
Ω
Tj =100 °C
-
9.0
10.0
Ω
fosc
oscillator frequency
10
-
200
kHz
Table 2.
Ordering information
Type number
Package
Name
Description
Version
SSL1623PH
DIP16
plastic dual in-line package; 16 leads (300 mil); long body
SOT38-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com