Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL1623PH Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SSL1623PH
Description  SMPS IC for mains LED drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL1623PH Datasheet(HTML) 1 Page - NXP Semiconductors

  SSL1623PH Datasheet HTML 1Page - NXP Semiconductors SSL1623PH Datasheet HTML 2Page - NXP Semiconductors SSL1623PH Datasheet HTML 3Page - NXP Semiconductors SSL1623PH Datasheet HTML 4Page - NXP Semiconductors SSL1623PH Datasheet HTML 5Page - NXP Semiconductors SSL1623PH Datasheet HTML 6Page - NXP Semiconductors SSL1623PH Datasheet HTML 7Page - NXP Semiconductors SSL1623PH Datasheet HTML 8Page - NXP Semiconductors SSL1623PH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1.
General description
The SSL1623PH is a Switched Mode Power Supply (SMPS) controller IC that operates
directly from the rectified universal AC mains. It is implemented in the high voltage Easy
High Voltage Silicon-On-Insulator (EZ-HV SOI) process, combined with a low voltage
Bipolar Complementary Metal Oxide Semiconductor (BiCMOS) process.
The device includes a high voltage power switch and a start-up circuit that operates
directly from the rectified mains voltage. A dedicated circuit for valley switching is built in,
which makes a very efficient slim-line electronic LED driver concept possible.
The SSL1623PH can operate in LED applications with a power range of up to 25 W.
Applications below 15 W are more suited to the SSL152x family of mains LED drivers.
In its most basic version of application the SSL1623PH acts as a voltage source. Here no
additional secondary electronics are required. A combined voltage and current source can
be realized with minimum costs for external components. Implementation of the
SSL1623PH renders an efficient and low cost LED power supply system.
2.
Features and benefits
Integrated power switch: 6.5
Ω and 650 V
Operates from universal AC mains supplies, 80 V to 276 V
Adjustable frequency for flexible design
RC oscillator for load insensitive regulation loop constant
Valley switching for minimum switch-on loss
Adjustable overcurrent protection
Undervoltage protection
Temperature protection
Short-circuit winding protection
Safe restart mode for system fault conditions
Simple application with both primary and secondary (opto) feedback
16-pin DIP package
SSL1623PH
SMPS IC for mains LED drivers
Rev. 02 — 13 September 2010
Product data sheet


Similar Part No. - SSL1623PH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSL1623PH NXP-SSL1623PH Datasheet
85Kb / 15P
SMPS ICs for mains LED drivers
Rev. 01-15 September 2008
More results

Similar Description - SSL1623PH

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STR-F6600 SANKEN-STR-F6600 Datasheet
191Kb / 4P
SMPS PRIMARY IC
logo
NXP Semiconductors
SSL152X NXP-SSL152X Datasheet
94Kb / 17P
SMPS ICs for mains LED drivers
Rev. 01-15 September 2008
SSL1623PH NXP-SSL1623PH Datasheet
85Kb / 15P
SMPS ICs for mains LED drivers
Rev. 01-15 September 2008
SSL1750 NXP-SSL1750 Datasheet
162Kb / 29P
SMPS control IC for LED drivers
Rev. 01-15 September 2008
SSL2101 NXP-SSL2101 Datasheet
118Kb / 22P
SMPS IC for dimmable LED lighting
Rev. 04-28 August 2009
SSL2102 NXP-SSL2102 Datasheet
116Kb / 21P
Mains LED driver IC for dimmable LED lighting
Rev. 01-29 June 2009
SSL152X NXP-SSL152X_09 Datasheet
103Kb / 17P
SMPS ICs for mains LED drivers
Rev. 02-10 March 2009
SSL2103 NXP-SSL2103 Datasheet
414Kb / 21P
SMPS controller IC for dimmable LED lighting
Rev. 2-25 November 2010
logo
Rohm
BD555BKFV ROHM-BD555BKFV Datasheet
737Kb / 13P
BD555BKFV AC/DC Controller IC for mains dimmable LED lighting
logo
Roithner LaserTechnik G...
D-11 ROITHNER-D-11 Datasheet
64Kb / 2P
DRIVERS for LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com