Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC811 Datasheet (PDF) - Microchip Technology

MIC811 Datasheet PDF - Microchip Technology
Part # MIC811
Download  MIC811 Download
File Size   849.1 Kbytes
Page   16 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Microprocessor Reset Circuits

MIC811 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC811 Datasheet PDF - Microchip Technology

Part # MIC811
Download  MIC811 Click to download

File Size   849.1 Kbytes
Page   16 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Microprocessor Reset Circuits

MIC811 Datasheet (HTML) - Microchip Technology


MIC811 Product details

General Description
The MIC811 and MIC812 are inexpensive
microprocessor supervisory circuits that monitor power
supplies in microprocessor based systems.
The function of this device is to assert a reset if either
the power supply drops below a designated reset
threshold level or /MR is forced low. Several different
reset threshold levels are available to accommodate
3V, 3.3V, or 5V powered systems.
The MIC811 has an active-low /RESET output, while
the MIC812 offers an active-high RESET output. The
reset output remains asserted for a minimum of 140 ms
after VCC has risen above the designed reset threshold
level. Having a push-pull output stage, the MIC811/812
do not require a pull-up resistor at the output. The
MIC811 and MIC812 come in a 4-lead SOT-143
package.
If a microprocessor voltage supervisor with an
open-drain output stage is needed, see MIC6315.

Features
• Precision Voltage Monitor for 3V, 3.3V, or 5V
Power Supplies
• /RESET Remains Valid with VCC as Low as 1V
• 5 μA Typical Supply Current
• 140 ms Minimum Reset Pulse Width Available
• Manual Reset Input
• Available in 4-Lead SOT-143 Package

Applications
• Portable Equipment
• Intelligent Instruments
• Critical Microprocessor Power Monitoring
• Printers/Computers
• Controllers




Similar Part No. - MIC811

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC811 MICREL-MIC811 Datasheet
159Kb / 8P
Microprocessor Reset Circuits
MIC811 MICREL-MIC811 Datasheet
269Kb / 7P
Microprocessor Reset Circuits
MIC811 MICREL-MIC811 Datasheet
288Kb / 7P
Microprocessor Reset Circuits
MIC811 MICREL-MIC811 Datasheet
227Kb / 7P
Microprocessor Reset Circuits
MIC8114 MICREL-MIC8114 Datasheet
172Kb / 8P
Microprocessor Reset Circuit
More results


Similar Description - MIC811

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM811 FAIRCHILD-FM811 Datasheet
42Kb / 6P
Microprocessor Reset Circuits
logo
Micrel Semiconductor
MIC809 MICREL-MIC809 Datasheet
166Kb / 8P
Microprocessor Reset Circuits
MIC809 MICREL-MIC809_05 Datasheet
285Kb / 6P
Microprocessor Reset Circuits
MIC809 MICREL-MIC809_11 Datasheet
288Kb / 6P
Microprocessor Reset Circuits
logo
Unisonic Technologies
UIC811 UTC-UIC811 Datasheet
219Kb / 9P
MICROPROCESSOR RESET CIRCUITS
logo
Analog Devices
ADM1810 AD-ADM1810_08 Datasheet
381Kb / 16P
Microprocessor Reset Circuits
Rev. E
ADM1812 AD-ADM1812_15 Datasheet
234Kb / 12P
Microprocessor Reset Circuits
Rev. F
ADM1813 AD-ADM1813_15 Datasheet
234Kb / 12P
Microprocessor Reset Circuits
Rev. F
ADM1818 AD-ADM1818_15 Datasheet
234Kb / 12P
Microprocessor Reset Circuits
Rev. F
logo
Unisonic Technologies
UIC811 UTC-UIC811_15 Datasheet
268Kb / 8P
MICROPROCESSOR RESET CIRCUITS
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com