Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC811 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC811
Description  Microprocessor Reset Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC811 Datasheet(HTML) 1 Page - Microchip Technology

  MIC811 Datasheet HTML 1Page - Microchip Technology MIC811 Datasheet HTML 2Page - Microchip Technology MIC811 Datasheet HTML 3Page - Microchip Technology MIC811 Datasheet HTML 4Page - Microchip Technology MIC811 Datasheet HTML 5Page - Microchip Technology MIC811 Datasheet HTML 6Page - Microchip Technology MIC811 Datasheet HTML 7Page - Microchip Technology MIC811 Datasheet HTML 8Page - Microchip Technology MIC811 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006526A-page 1
MIC811/MIC812
Features
• Precision Voltage Monitor for 3V, 3.3V, or 5V
Power Supplies
• /RESET Remains Valid with VCC as Low as 1V
• 5 µA Typical Supply Current
• 140 ms Minimum Reset Pulse Width Available
• Manual Reset Input
• Available in 4-Lead SOT-143 Package
Applications
• Portable Equipment
• Intelligent Instruments
• Critical Microprocessor Power Monitoring
• Printers/Computers
• Controllers
General Description
The
MIC811
and
MIC812
are
inexpensive
microprocessor supervisory circuits that monitor power
supplies in microprocessor based systems.
The function of this device is to assert a reset if either
the power supply drops below a designated reset
threshold level or /MR is forced low. Several different
reset threshold levels are available to accommodate
3V, 3.3V, or 5V powered systems.
The MIC811 has an active-low /RESET output, while
the MIC812 offers an active-high RESET output. The
reset output remains asserted for a minimum of 140 ms
after VCC has risen above the designed reset threshold
level. Having a push-pull output stage, the MIC811/812
do not require a pull-up resistor at the output. The
MIC811 and MIC812 come in a 4-lead SOT-143
package.
If a microprocessor voltage supervisor with an
open-drain output stage is needed, see MIC6315.
Package Types
MIC811
4-Lead SOT-143 (U)
(Top View)
MIC812
4-Lead SOT-143 (U)
(Top View)
Microprocessor Reset Circuits


Similar Part No. - MIC811

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC811 MICREL-MIC811 Datasheet
159Kb / 8P
Microprocessor Reset Circuits
MIC811 MICREL-MIC811 Datasheet
269Kb / 7P
Microprocessor Reset Circuits
MIC811 MICREL-MIC811 Datasheet
288Kb / 7P
Microprocessor Reset Circuits
MIC811 MICREL-MIC811 Datasheet
227Kb / 7P
Microprocessor Reset Circuits
MIC8114 MICREL-MIC8114 Datasheet
172Kb / 8P
Microprocessor Reset Circuit
More results

Similar Description - MIC811

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM811 FAIRCHILD-FM811 Datasheet
42Kb / 6P
Microprocessor Reset Circuits
logo
Micrel Semiconductor
MIC809 MICREL-MIC809 Datasheet
166Kb / 8P
Microprocessor Reset Circuits
MIC809 MICREL-MIC809_05 Datasheet
285Kb / 6P
Microprocessor Reset Circuits
MIC809 MICREL-MIC809_11 Datasheet
288Kb / 6P
Microprocessor Reset Circuits
logo
Unisonic Technologies
UIC811 UTC-UIC811 Datasheet
219Kb / 9P
MICROPROCESSOR RESET CIRCUITS
logo
Analog Devices
ADM1810 AD-ADM1810_08 Datasheet
381Kb / 16P
Microprocessor Reset Circuits
Rev. E
ADM1812 AD-ADM1812_15 Datasheet
234Kb / 12P
Microprocessor Reset Circuits
Rev. F
ADM1813 AD-ADM1813_15 Datasheet
234Kb / 12P
Microprocessor Reset Circuits
Rev. F
ADM1818 AD-ADM1818_15 Datasheet
234Kb / 12P
Microprocessor Reset Circuits
Rev. F
logo
Unisonic Technologies
UIC811 UTC-UIC811_15 Datasheet
268Kb / 8P
MICROPROCESSOR RESET CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com