Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC811 Datasheet(PDF) 13 Page - Microchip Technology

Part # MIC811
Description  Microprocessor Reset Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC811 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MIC811 Datasheet HTML 8Page - Microchip Technology MIC811 Datasheet HTML 9Page - Microchip Technology MIC811 Datasheet HTML 10Page - Microchip Technology MIC811 Datasheet HTML 11Page - Microchip Technology MIC811 Datasheet HTML 12Page - Microchip Technology MIC811 Datasheet HTML 13Page - Microchip Technology MIC811 Datasheet HTML 14Page - Microchip Technology MIC811 Datasheet HTML 15Page - Microchip Technology MIC811 Datasheet HTML 16Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006526A-page 13
MIC811/MIC812
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a) MIC811RUY-TR:
MIC811, 2.63V Threshold
Voltage, 4-Lead SOT-143,
–40°C to +85°C Temp.
Range, 3,000/Reel
b) MIC811JUY-TR:
MIC811, 4.00V Threshold
Voltage, 4-Lead SOT-143,
–40°C to +85°C Temp.
Range, 3,000/Reel
c) MIC811TUY-TR:
MIC811, 3.08V Threshold
Voltage, 4-Lead SOT-143,
–40°C to +85°C Temp.
Range, 3,000/Reel
d) MIC812SUY-TR:
MIC812, 2.93V Threshold
Voltage, 4-Lead SOT-143,
–40°C to +85°C Temp.
Range, 3,000/Reel
e) MIC812LUY-TR:
MIC812, 4.63V Threshold
Voltage, 4-Lead SOT-143,
–40°C to +85°C Temp.
Range, 3,000/Reel
f) MIC812MUY-TR:
MIC812, 4.38V Threshold
Voltage, 4-Lead SOT-143,
–40°C to +85°C Temp.
Range, 3,000/Reel
Device:
MIC811:
Microprocessor Reset Circuits with Active-
Low /RESET
MIC812:
Microprocessor Reset Circuits with Active-
High RESET
Threshold
Voltage:
R
=
2.63V
S
=
2.93V
T
=
3.08V
J
=
4.00V
M
=
4.38V
L
=
4.63V
Package:
U
=
4-Lead SOT-143
Temperature
Range:
Y
=
–40°C to +85°C
Media Type:
TR =
3,000/Reel
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the
Tape and Reel option.
Device
X
X
X
-XX
Part No.
Threshold
Voltage
Package
Temp. Range
Media Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com