Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC811 Datasheet(PDF) 7 Page - Microchip Technology

Part # MIC811
Description  Microprocessor Reset Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC811 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MIC811 Datasheet HTML 3Page - Microchip Technology MIC811 Datasheet HTML 4Page - Microchip Technology MIC811 Datasheet HTML 5Page - Microchip Technology MIC811 Datasheet HTML 6Page - Microchip Technology MIC811 Datasheet HTML 7Page - Microchip Technology MIC811 Datasheet HTML 8Page - Microchip Technology MIC811 Datasheet HTML 9Page - Microchip Technology MIC811 Datasheet HTML 10Page - Microchip Technology MIC811 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006526A-page 7
MIC811/MIC812
3.0
APPLICATION INFORMATION
3.1
Microprocessor Reset
The /RESET (or RESET) pin is asserted whenever VCC
falls below the reset threshold voltage. The /RESET pin
remains asserted for a period of 140 ms after VCC has
risen above the reset threshold voltage. The reset
function ensures that the microprocessor is properly
reset and powers up in a known condition after a power
failure. /RESET will remain valid with VCC as low as 1V.
3.2
VCC Transients
The
MIC811/812
are
relatively
immune
to
negative-going VCC glitches below the reset threshold.
Typically, a negative-going transient 125 mV below the
reset threshold with a duration of 20 μs or less will not
cause a reset.
3.3
Interfacing to Bidirectional Reset
Pins
The MIC811/812 can interface with microprocessors
with bidirectional reset pins by connecting a 4.7 kΩ
resistor in series with the MIC811/812 output and the
microprocessor reset pin.
3.4
/RESET Valid at Low Voltage
A resistor can be added from the /RESET pin to ground
to ensure the /RESET output remains low with VCC
down to 0V. A 100 kΩ resistor connected from the
/RESET to ground is recommended. The value of the
resistor should be large enough not to load the output
excessively and small enough to pull-down any stray
leakage currents.
FIGURE 3-1:
Reset Valid to VCC = 0V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com