Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC811 Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC811
Description  Microprocessor Reset Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC811 Datasheet(HTML) 4 Page - Microchip Technology

  MIC811 Datasheet HTML 1Page - Microchip Technology MIC811 Datasheet HTML 2Page - Microchip Technology MIC811 Datasheet HTML 3Page - Microchip Technology MIC811 Datasheet HTML 4Page - Microchip Technology MIC811 Datasheet HTML 5Page - Microchip Technology MIC811 Datasheet HTML 6Page - Microchip Technology MIC811 Datasheet HTML 7Page - Microchip Technology MIC811 Datasheet HTML 8Page - Microchip Technology MIC811 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MIC811/MIC812
DS20006526A-page 4
2022 Microchip Technology Inc. and its subsidiaries
Reset Timing Diagram
/RESET Output Voltage
VOL
—
—
0.4
V
VCC = VTH min., ISINK = 3.2 mA,
MIC811L/M/J
—
—
0.3
VCC = VTH min., ISINK = 1.2 mA,
MIC811R/S/T
—
—
0.3
VCC >1V, ISINK = 50 μA, TA = –40°C
to +85°C
RESET Output Voltage
VOH
0.8 x
VCC
—
—
V
1.8V < VCC < VTH min.,
ISOURCE = 150 μA
RESET Output Voltage
VOL
—
—
0.4
V
ISINK = 3.2 mA, MIC812L/M/J
—
—
0.3
ISINK = 1.2 mA, MIC812R/S/T
/MR Minimum Pulse Width
—
10
—
—
µs
—
/MR to Reset Delay
—
—
0.5
—
µs
—
/MR Input Threshold
VIH
2.3
—
—
V
VCC > VTH max., MIC81_L/M/J
0.7 x
VCC
—
—
MIC81_R/S/T
/MR Input Threshold
VIL
—
—
0.8
V
VCC > VTH max., MIC81_L/M/J
—
—
0.25 x
VCC
MIC81_R/S/T
/MR Pull-Up Resistance
—
10
20
30
kΩ
—
/MR Glitch Immunity
—
—
100
—
ns
—
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics: For typical values, VCC = 5V for MIC81_L/M/J, VCC = 3.3V for MIC81_S/T, VCC = 3V for
MIC81_R; TA = +25°C, bold values indicate –40°C to ≤ TA ≤ +85°C; unless noted. (Note 1)
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Note 1: Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com