Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC811 Datasheet(PDF) 6 Page - Microchip Technology

Part # MIC811
Description  Microprocessor Reset Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC811 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MIC811 Datasheet HTML 2Page - Microchip Technology MIC811 Datasheet HTML 3Page - Microchip Technology MIC811 Datasheet HTML 4Page - Microchip Technology MIC811 Datasheet HTML 5Page - Microchip Technology MIC811 Datasheet HTML 6Page - Microchip Technology MIC811 Datasheet HTML 7Page - Microchip Technology MIC811 Datasheet HTML 8Page - Microchip Technology MIC811 Datasheet HTML 9Page - Microchip Technology MIC811 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MIC811/MIC812
DS20006526A-page 6
2022 Microchip Technology Inc. and its subsidiaries
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
Pin Number
MIC811
Pin Number
MIC812
Pin Name
Description
1
1
GND
IC Ground Pin.
2
N/A
/RESET
/RESET goes low if VCC falls below the reset threshold and remains
asserted for one reset timeout period (140 ms min.) after VCC exceeds
the reset threshold.
N/A
2
RESET
RESET goes high if VCC falls below the reset threshold and remains
asserted for one reset timeout period (140 ms min.) after VCC exceeds
the reset threshold.
3
3
/MR
Manual Reset Input. A logic low on /MR will force a reset. The reset
will remain asserted as long as /MR is held low and for one reset time-
out period (140 ms min.) after /MR goes high. This input can be
shorted to ground via a switch or driven from CMOS or TTL logic.
Float if unused.
4
4
VCC
Power Supply Input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com