Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N2L Datasheet (PDF) - Renesas Technology Corp

N2L Datasheet PDF - Renesas Technology Corp
Part # N2L
Download  N2L Download
File Size   1668.33 Kbytes
Page   127 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description RZ Arm-based High-end 32 & 64-bit MPUs

N2L Datasheet (PDF)

Go To PDF Page Download Datasheet
N2L Datasheet PDF - Renesas Technology Corp

Part # N2L
Download  N2L Click to download

File Size   1668.33 Kbytes
Page   127 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description RZ Arm-based High-end 32 & 64-bit MPUs

N2L Datasheet (HTML) - Renesas Technology Corp


N2L Product details

■ On-chip 32-bit Arm Cortex-R52 processor
● High-speed realtime control with operating frequency of 200/400
MHz
● On-chip Single 32-bit Arm Cortex-R52 (revision r1p2)
● Tightly coupled memory (TCM) with ECC
– CPU0: 128 KB/128 KB
● Instruction cache/data cache with ECC
– CPU0: 16 KB per cache
● High-speed interrupt
● The FPU supports addition, subtraction, multiplication, division,
multiply-and-accumulate, and square-root operations at singleprecision
and double-precision.
● The NEON, Advanced SIMD, supports integer or single precision
results.
● Harvard architecture with 8-stage pipeline
● Supports the memory protection unit (MPU)
● Arm CoreSight architecture, includes support for debugging
through JTAG and SWD interfaces.
■ Low power consumption
● Standby mode and module stop function
■ On-chip SRAM
● 1.5 MB of the on-chip SRAM with ECC
● 150/200 MHz
■ Data transfer
● DMAC: 8 channels × 2 units
■ Event link controller
● Module operations can be started by event signals rather than by
interrupt handlers.
● Linked operation of modules is available even while the CPU is in
the standby state.
■ Reset and power supply voltage control
● Four reset sources including a pin reset
■ Clock functions
● External clock/oscillator input frequency: 25 MHz
● CPU clock frequency: 200/400 MHz or 150/300 MHz
● System clock frequency: 200 MHz or 150 MHz
● Low-speed on-chip oscillator (LOCO): 240 kHz
■ Safety functions
● Register write protection, input clock oscillation stop detection and
CRC
● Master Memory Protection Unit (MPU)
■ Security functions (optional)
● Boot mode with security through encryption
● JTAG authentication
● Cryptologic accelerator
● TRNG
■ Various communications interfaces
● Ethernet
– EtherCAT slave Controller: 3 ports
– Ethernet switch: 3 ports
– Ethernet MAC: 1 port
● USB 2.0 high-speed host/functions: 1 channel
● CAN/CANFD (compliant with ISO11898-1): 2 channels
● SCI with 16-byte transmission and reception FIFOs: 6 channels
● I2C bus interface: 3 channel for transfer at up to 400 kbps
● SPI: 4 channels
● xSPI: 2 channels
■ External host interfaces
● Serial host interface (SHOSTIF)
● Parallel host interface (PHOSTIF)




Similar Part No. - N2L

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N2LOCK-010-YW TRIPPLITE-N2LOCK-010-YW Datasheet
165Kb / 2P
Universal RJ45 Plug Locks, Yellow, 10 Pack
N2LOCK-KEY-RD TRIPPLITE-N2LOCK-KEY-RD Datasheet
162Kb / 1P
Security Key for Tripp Lite RJ45 Plug Locks and Locking Inserts, Red, 2 Pack
N2LPLUG-010-YW TRIPPLITE-N2LPLUG-010-YW Datasheet
167Kb / 2P
Universal RJ45 Locking Inserts, Yellow, 10 Pack
More results


Similar Description - N2L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HMS30C7210 ETC-HMS30C7210 Datasheet
2Mb / 337P
ARM Based 32-Bit Microprocessor
logo
OKI electronic componet...
ML675001 OKI-ML675001 Datasheet
196Kb / 24P
32-bit ARM-Based General-Purpose Microcontroller
logo
STMicroelectronics
CD00191174 STMICROELECTRONICS-CD00191174 Datasheet
1Mb / 112P
High-density access line, ARM-based 32-bit MCU
19-Apr-2011
STM32F103ZET7 STMICROELECTRONICS-STM32F103ZET7 Datasheet
1Mb / 130P
High-density performance line ARM-based 32-bit MCU
19-Apr-2011
logo
List of Unclassifed Man...
ML67Q4060 ETC2-ML67Q4060 Datasheet
545Kb / 37P
32-bit General-Purpose ARM-Based Microcontroller
XPT32P001 ETC2-XPT32P001 Datasheet
345Kb / 1P
ARM-based 32-bit MCU
logo
Microchip Technology
SAMD21G MICROCHIP-SAMD21G Datasheet
3Mb / 59P
32-bit ARM-Based Microcontrollers
2017
SAM9G20 MICROCHIP-SAM9G20 Datasheet
2Mb / 798P
32-BIT ARM-BASED MICROPROCESSORS
2017
logo
Renesas Technology Corp
RZ_T2M RENESAS-RZ_T2M Datasheet
1Mb / 127P
RZ Arm-based High-end 32 & 64-bit MPUs
Mar 22, 2022
RZ-N2L RENESAS-RZ-N2L Datasheet
1Mb / 127P
RZ Arm-based High-end 32 & 64-bit MPUs
Rev.1.20 Sep 30, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com