Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N2L Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # N2L
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

N2L Datasheet(HTML) 5 Page - Renesas Technology Corp

  N2L Datasheet HTML 1Page - Renesas Technology Corp N2L Datasheet HTML 2Page - Renesas Technology Corp N2L Datasheet HTML 3Page - Renesas Technology Corp N2L Datasheet HTML 4Page - Renesas Technology Corp N2L Datasheet HTML 5Page - Renesas Technology Corp N2L Datasheet HTML 6Page - Renesas Technology Corp N2L Datasheet HTML 7Page - Renesas Technology Corp N2L Datasheet HTML 8Page - Renesas Technology Corp N2L Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 127 page
background image
Table 1.7
Timers (2 of 2)
Feature
Functional description
Compare match timer (CMT)
● (16 bits × 2 channels) × 3 units
● Select from among four counter-input clock signals for each channel (with maximum
operating frequency of 50 MHz)
Compare match timer W (CMTW)
● (32 bits × 1 channel) × 2 units
● Compare-match, input-capture input, and output-comparison output are available.
● Select from among four counter-input clock signals for each channel (with maximum
operating frequency of 50 MHz)
● Interrupt requests can be output in response to compare-match, input-capture, and output-
comparison events.
Watchdog timer (WDT)
● 14 bits × 1 channel
● Select from among six counter-input clock signals for each channel (with maximum
operating frequency of 50 MHz)
Port output enable 3 (POE3)
● Control of the high-impedance state of the MTU3 waveform output pins
● 5 pins for input from signal sources: POE0#, POE4#, POE8#, POE10#, POE11#
● Initiation on detection of short-circuited outputs (detection of simultaneous PWM output to
the active level)
● Initiation by input clock oscillation-stoppage detection, PLL oscillation anomaly detection,
DSMIF error detection, or software
● Additional programming of output control target pins is enabled
Port output enable for GPT (POEG)
● Controlling the output disable for GPT waveform output
● Initiation by input level detection of GTETRG pins
● Initiation by output disable request from GPT
● Initiation by detection of oscillation stop, DSMIF error, or by software
Real time clock (RTC)
● A 100 year calendar from 2000 to 2099
● BCD code display
● Clock source is division of main oscillator or PLL.
● Automatic adjustment function for leap years
Table 1.8
Communication interfaces (1 of 3)
Feature
Functional description
Ethernet MAC (GMAC)
● 1 port
● IEEE802.3
● IEEE1588-2008
● IEEE802.3-az-2010 for EEE
● 10BASE, 100BASE, and 1000BASE supported
● Full duplex and half duplex are supported
● Programmable frame length to support both standard and jumbo frames up to 16 KB
● 17 MAC address registers for the address filter block
● Variety of flexible addresses filtering modes are supported
● Advanced IEEE 1588-2002 & 2008 Ethernet frame time-stamping supported
● MII/RMII/RGMII interface is supported
RZ/N2L Datasheet
1. Overview
R01DS0397EJ0110 Rev.1.10
Jul 29, 2022
Page 5 of 127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com