Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N2L Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # N2L
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

N2L Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button N2L Datasheet HTML 17Page - Renesas Technology Corp N2L Datasheet HTML 18Page - Renesas Technology Corp N2L Datasheet HTML 19Page - Renesas Technology Corp N2L Datasheet HTML 20Page - Renesas Technology Corp N2L Datasheet HTML 21Page - Renesas Technology Corp N2L Datasheet HTML 22Page - Renesas Technology Corp N2L Datasheet HTML 23Page - Renesas Technology Corp N2L Datasheet HTML 24Page - Renesas Technology Corp N2L Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 127 page
background image
1.6
FBGA 225 Pin Assignments
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
VSS
P01_0
P00_2
P00_4
P24_0
P22_1
P22_0
P21_3
VSS
AN106
AN104
AN103
AN101
VSS
P01_5
P01_2
P00_3
P00_5
P24_1
P22_3
P21_7
P21_1
AN105
AN102
AN100
AN000
AN002
P19_0
P01_7
P01_3
P00_6
P00_0
P24_2
P22_2
P21_5
P21_2
VREFH1 VREFH0 AN001
AN003
AVCC18_
TSU
P18_6
P02_1
P01_6
P01_1
P00_7
P00_1
P23_7
P21_6
P20_2
VSS
VSS
VSS
P18_5
P18_2
P18_1
P02_3
TRST#
P02_0
P01_4
VCC
1833_2
VCC33
P21_4
VCC33
VSS
VCC18_
ADC0
P18_4
P18_3
P18_0
P17_7
P02_7
P02_5
P02_2
P02_4
P02_6
VDD
VSS
VDD
P04_0
P04_1
P04_5
P04_4
P04_6
VDD
VSS
VSS
VSS
VDD
P16_1
P15_6
P15_4
P16_2
P16_5
P04_7
P05_1
P05_3
P05_2
P05_0
VDD
VSS
VSS
VSS
VDD
VCC
1833_3
P14_5
P14_4
P15_5
P15_7
P05_4
P05_5
P05_6
P06_3
VCC
1833_1
VDD
VDD
VDD
VSS
VDD
P15_3
P14_2
P14_6
P15_1
P15_2
VSS
P06_0
P06_1
P06_6
VCC33
VCC
1833_0
P09_7
P10_2
P10_3
P13_2
P15_0
P13_4
P14_0
P14_1
VSS
P05_7
P06_2
P06_7
P07_3
P08_6
P09_4
P09_6
P10_1
P10_4
VCC33
P13_7
P13_5
P13_6
P14_3
P14_7
P06_4
P06_5
P07_1
P08_4
P08_7
P09_2
P09_5
P10_0
VCC18_
PLL1
VSS
P12_4
P13_3
VSS_
USB
VSS
VSS_
USB
A
B
C
D
E
F
H
J
K
L
M
N
P
R
P07_0
P07_2
P08_5
P09_0
MDX
RES#
VDD
VSS
VCC18_
PLL0
AVCC18_
USB
VCC18_
USB
VSS_
USB
USB_
DM
VSS_
USB
USB_
RREF
VSS
P07_4
P09_1
P09_3
VSS
EXT
CLKIN
EXTAL
XTAL
VSS
AVCC18_
USB
VCC33_
USB
VSS_
USB
USB_DP
VSS_
USB
VSS
P03_5 BSCANP P03_0
P03_6
P03_7
VDD
VSS
VSS
VDD
VCC
1833_4
P17_0
P17_4
P17_3
P17_5
G
VSS
VDD
P16_6
P16_3
P16_0
P16_7
P17_6
VDD
VCC18_
ADC1
P20_3
AN107
P20_1
P20_4
A
B
C
D
E
F
H
J
K
L
M
N
P
R
G
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Figure 1.2
Pin arrangement (225-pin FBGA) (top view)
Table 1.19
List of pins and pin functions (225-pin FBGA) (1 of 8)
Pin
number
I/O power
domain
Power supply
clock system
control
I/O
port
Bus, DMAC
Timer (MTU3,
POEG, GPT / POE3,
CMTW, RTC)
Communication (xSPI,
GMAC, ETHSW, ESC, SCI,
SPI, IIC, CANFD, USB)
Others
(DSMIF,
Mailbox) Interrupt ADC12
Host
interface
(SHOSTI
F,
PHOSTIF
)
A1
—
VSS
—
—
—
—
—
—
—
—
A2
VCC1833_2
—
P01_0
CAS#
MTIOC4C / GTIOC3A GMAC_MDIO /
ETHSW_MDIO / ESC_MDIO /
CTS2#
MCLK1
—
—
—
A3
VCC1833_2
—
P00_2
RD#
MTIC5V
ETH2_TXEN / TXD2 / SDA2 /
MOSI2 / USB_OVRCUR
—
—
—
—
A4
VCC1833_2
—
P00_4
WAIT#
MTIOC3A / GTIOC0A
ETH2_RXER
MCLK0
IRQ13
—
HWAIT#
A5
VCC1833_2
—
P24_0
D12 / CKE /
DREQ
MTIOC0B /
GTETRGB
ETH2_RXD1 / RXD1 / SCL1 /
MISO1
MDAT4
—
—
HD12
A6
—
TRACECTL
P22_1
D8
GTETRGB / POE4#
ESC_LINKACT2 / SS4# /
CTS4# / RTS4#
—
—
—
HD8
A7
—
TRACEDATA7
P22_0
D7
MTIOC7D /
GTIOC17B
DE5
MDAT3
IRQ15
—
HD7
A8
—
TRACEDATA2
P21_3
D2
MTIOC6C /
GTIOC15A
TXD5 / SDA5 / MOSI5 /
SPI_SSL33
MCLK1
—
—
HD2
A9
—
MDV3
P20_4
—
—
ETHSW_TDMAOUT3 /
ETHSW_PTPOUT0 /
ESC_LINKACT1
—
—
—
—
A10
—
VSS
—
—
—
—
—
—
—
—
A11
—
—
—
—
—
—
—
—
AN106
—
A12
—
—
—
—
—
—
—
—
AN104
—
A13
—
—
—
—
—
—
—
—
AN103
—
A14
—
—
—
—
—
—
—
—
AN101
—
RZ/N2L Datasheet
1. Overview
R01DS0397EJ0110 Rev.1.10
Jul 29, 2022
Page 21 of 127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com