Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N2L Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # N2L
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

N2L Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button N2L Datasheet HTML 85Page - Renesas Technology Corp N2L Datasheet HTML 86Page - Renesas Technology Corp N2L Datasheet HTML 87Page - Renesas Technology Corp N2L Datasheet HTML 88Page - Renesas Technology Corp N2L Datasheet HTML 89Page - Renesas Technology Corp N2L Datasheet HTML 90Page - Renesas Technology Corp N2L Datasheet HTML 91Page - Renesas Technology Corp N2L Datasheet HTML 92Page - Renesas Technology Corp N2L Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 127 page
background image
SSLn0 input
RSPCKn (CPOL = 0)
input
RSPCKn (CPOL = 1)
input
MISOn
input
MOSIn
output
INVALID
DATA
1st DATA
LAST DATA
1st DATA
LAST DATA
1st DATA
tDr
tDf
tH
tSU
tOD
tTISOED1
tTISS
tTISH
tTIND
tTISOED2
Figure 2.71
SPI timing (Slave, TI-SSP, with delay in burst transfer)
SSL0n input
RSPCKn (CPOL = 0)
input
MOSIn
input
tTISS
tTISH
LAST DATA
LAST DATA
tTISSID
tTISOED1
INVALID
DATA
1st frame
1st DATA
2nd frame
tOD
tSU
tH
tOD
DATA
tDf
tDr
RSPCKn (CPOL = 1)
input
MOSIn
output
1st DATA
1st DATA
1st DATA
tH
tSU
Figure 2.72
SPI timing (Slave, TI-SSP, without delay in burst transfer)
2.5.5.12
xSPI Timing
Conditions:
Single end Clock
VOH = VCC18 × 0.5, VOL = VCC18 × 0.5, C = 15 pF (1.8 V)
VOH = VCC33 × 0.5, VOL = VCC33 × 0.5, C = 15 pF (3.3 V)
Data
VOH = VCC18 × 0.5, VOL = VCC18 × 0.5, C = 15 pF (1.8 V)
VOH = VCC33 × 0.5, VOL = VCC33 × 0.5, C = 15 pF (3.3 V)
RZ/N2L Datasheet
2. Electrical Characteristics
R01DS0397EJ0110 Rev.1.10
Jul 29, 2022
Page 89 of 127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com