Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N2L Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # N2L
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

N2L Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button N2L Datasheet HTML 32Page - Renesas Technology Corp N2L Datasheet HTML 33Page - Renesas Technology Corp N2L Datasheet HTML 34Page - Renesas Technology Corp N2L Datasheet HTML 35Page - Renesas Technology Corp N2L Datasheet HTML 36Page - Renesas Technology Corp N2L Datasheet HTML 37Page - Renesas Technology Corp N2L Datasheet HTML 38Page - Renesas Technology Corp N2L Datasheet HTML 39Page - Renesas Technology Corp N2L Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 127 page
background image
2.4
DC Characteristics
Table 2.4
DC Characteristics (3.3-V mode)
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Input High-level voltage
VIH33
3.3-V mode, Schmitt Trigger
Control Disabled, Except P07_4
pin
2.0
—
VCC33 + 0.3
V
Input Low-level voltage
VIL33
−0.3
—
0.8
V
Positive trigger voltage
VT33+
3.3-V mode, Schmitt Trigger
Control Enabled, Except P07_4
pin
0.9
—
2.1
V
Negative trigger voltage
VT33-
0.7
—
1.9
V
Hysteresis voltage
ΔVT33
0.2
—
—
V
Input High-level voltage 2
VIH33_2
3.3-V mode, Schmitt Trigger
Control Disabled, P07_4 pin
ONLY
VCC33 × 0.7
—
VCC33 + 0.3
V
Input Low-level voltage 2
VIL33_2
-0.3
—
VCC33 × 0.3
V
Positive trigger voltage 2
VT33+_2
3.3-V mode, Schmitt Trigger
Control Enabled, P07_4 pin
ONLY
—
—
VCC33 × 0.72
V
Negative trigger voltage 2
VT33-_2
VCC33 × 0.3
—
—
V
Hysteresis voltage 2
ΔVT33_2
VCC33 × 0.1
—
—
V
Output High-level voltage
VOH33
Low, IOH = −2 mA
VCC33 − 0.4
—
—
V
VOH33
Middle, IOH = −4 mA
VCC33 − 0.4
—
—
V
VOH33
High, IOH = −8 mA
VCC33 − 0.4
—
—
V
VOH33
Ultra High, IOH = −12 mA
VCC33 − 0.4
—
—
V
Output Low-level voltage
VOL33
Low, IOL = 2 mA
—
—
0.4
V
VOL33
Middle, IOL = 4 mA
—
—
0.4
V
VOL33
High, IOL = 8 mA
—
—
0.4
V
VOL33
Ultra High, IOL = 12 mA
—
—
0.4
V
Input leakage current
|Iin|
Vin = 0 V, Vin = VCC33
—
—
10
µA
Three-State leakage current (off state)
|ITSI|
Vin = 0 V, Vin = VCC33
—
—
10
µA
Input Pull-up resistors resistance
Rpu
Vin = 0 V
15
—
300
kΩ
Input Pull-up resistors current
Ipu
Vin = 0 V
-220
—
-11
µA
Input Pull-down resistors resistance
Rpd
Vin = VCC33
15
—
300
kΩ
Input Pull-down resistors current
Ipd
Vin = VCC33
11
—
220
µA
Input Capacitance
Cin
All input/output and input pins
—
—
10
pF
Table 2.5
DC Characteristics (1.8-V mode) (1 of 2)
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Input High-level voltage
VIH18
1.8-V mode, Schmitt Trigger
Control Disabled
VCC18 × 0.65
—
VCC18 + 0.3
V
Input Low-level voltage
VIL18
−0.3
—
VCC18 × 0.35
V
Positive trigger voltage
VT18+
1.8-V mode, Schmitt Trigger
Control Enabled
VCC18 × 0.4
—
VCC18 × 0.7
V
Negative trigger voltage
VT18-
VCC18 × 0.3
—
VCC18 × 0.6
V
Hysteresis voltage
ΔVT18
VCC18 × 0.1
—
—
V
Output High-level voltage
VOH18
Low, IOH = −2 mA
VCC18 − 0.45
—
—
V
VOH18
Middle, IOH = −4 mA
VCC18 − 0.45
—
—
V
VOH18
High, IOH = −8 mA
VCC18 − 0.45
—
—
V
VOH18
Ultra High, IOH = −12 mA
VCC18 − 0.45
—
—
V
RZ/N2L Datasheet
2. Electrical Characteristics
R01DS0397EJ0110 Rev.1.10
Jul 29, 2022
Page 36 of 127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com