Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N2L Datasheet(PDF) 98 Page - Renesas Technology Corp

Part # N2L
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

N2L Datasheet(HTML) 98 Page - Renesas Technology Corp

Back Button N2L Datasheet HTML 94Page - Renesas Technology Corp N2L Datasheet HTML 95Page - Renesas Technology Corp N2L Datasheet HTML 96Page - Renesas Technology Corp N2L Datasheet HTML 97Page - Renesas Technology Corp N2L Datasheet HTML 98Page - Renesas Technology Corp N2L Datasheet HTML 99Page - Renesas Technology Corp N2L Datasheet HTML 100Page - Renesas Technology Corp N2L Datasheet HTML 101Page - Renesas Technology Corp N2L Datasheet HTML 102Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 127 page
background image
tMMIIck
ETH2_REFCLK
ETH2_TXDm
ETH2_TXEN
ETH2_TXER
tMMIIs
tMMIIh
ETH2_RXDm
ETH2_RXDV
ETH2_RXER
tMMIId
Figure 2.85
MII transmission and reception timing (MAC to MAC connection mode) (m = 0 to 3)
2.5.5.15
Serial Management Interface Timing
Conditions:
VOH = VCC18 × 0.5, VOL = VCC18 × 0.5, C = 30 pF (1.8 V)
VOH = VCC33 × 0.5, VOL = VCC33 × 0.5, C = 30 pF (3.3 V)
Table 2.40
Serial management interface timing
Parameter
Symbol
Min.
Max.
Unit
Reference figure
MDIO
MDC output cycle time
GMAC_MDC,
ETHSW_MDC
TMDCck
80
—
ns
Figure 2.86
ESC_MDC
400
—
ns
MDIO output delay time (for MDC fall)*1
TMDIOd
—
20
ns
MDIO input setup time (for MDC rise)
TMDIOs
18
—
ns
MDIO input hold time (for MDC rise) GMAC_MDC,
ETHSW_MDC
TMDIOh
0
—
ns
ESC_MDC
10
—
ns
Note 1. The output timing from ETHSW is based on the rising edge of MDC, and the output delay can be set in the register.
RZ/N2L Datasheet
2. Electrical Characteristics
R01DS0397EJ0110 Rev.1.10
Jul 29, 2022
Page 98 of 127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com