Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N2L Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # N2L
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

N2L Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button N2L Datasheet HTML 35Page - Renesas Technology Corp N2L Datasheet HTML 36Page - Renesas Technology Corp N2L Datasheet HTML 37Page - Renesas Technology Corp N2L Datasheet HTML 38Page - Renesas Technology Corp N2L Datasheet HTML 39Page - Renesas Technology Corp N2L Datasheet HTML 40Page - Renesas Technology Corp N2L Datasheet HTML 41Page - Renesas Technology Corp N2L Datasheet HTML 42Page - Renesas Technology Corp N2L Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 127 page
background image
Table 2.11
Permissible Output Currents
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Permissible output low current (max.
value per pin)
IOL
All output pins
—
—
12
mA
Permissible output low current (total)
ΣIOL
Sum of all output pins
—
—
80
mA
Permissible output high current (max.
value per pin)
IOH
All output pins
—
—
-12
mA
Permissible output high current (total)
ΣIOH
Sum of all output pins
—
—
-80
mA
Note:
All output current values shall be within the values in this table to ensure the reliability of this LSI.
Table 2.12
Thermal Resistance value (Reference)
Item
Symbol
Package
Max.
Unit
Thermal Resistance
Θja
225 pin FBGA 13 × 13 mm, 0.8-mm pitch
30.1
°C/W
121 pin FBGA 10 × 10 mm, 0.8-mm pitch
30.5
°C/W
Ψjt
225 pin FBGA 13 × 13 mm, 0.8-mm pitch
0.42
°C/W
121 pin FBGA 10 × 10 mm, 0.8-mm pitch
0.42
°C/W
Note:
Package thermal resistance values above are based on EIA/JESD51-9 (2s2p) condition and reference only.
2.5
AC Characteristics
Table 2.13
Operating frequency
Parameter
Symbol
Min.
Max.
Unit
Operating
frequency
CPU clock (CPU0CLK)
f
150
200
300
400
MHz
System clock (ICLK)
150
200
Peripheral module clock H (PCLKH)
150
200
Peripheral module clock M (PCLKM)
75
100
Peripheral module clock L (PCLKL)
37.5
50
Peripheral module clock for ADC (PCLKADC)
18.75
25
Peripheral module clock for SCIn (PCLKSCIn, n = 0 to 5)
75
100
Peripheral module clock for SPIn (PCLKSPIn, n = 0 to 3)
75
100
External bus clock output (CKIO)
18.75
100
Ethernet PHY reference clock (ETHn_REFCLK, n = 0 to 2)
25
Ethernet PHY reference clock (RMIIn_REFCLK, n = 0 to 2)
50
AC Characteristics are defined in condition of the IO setting (DRCTLm register setting) show in Table 2.14.
Table 2.14
IO setting (DRCTLm register setting) condition (1 of 2)
Module
Signal
IO type
Voltage
DRCTLm register
DRVn
SRn
SMTn
Bus
CKIO
SDRAM and High drive
—
3.3 V
High
Fast
—
Other than the above
—
3.3 V
Middle
Fast
—
Other than the above
Type A
3.3 V
Middle
Slow
Disable
Type B
3.3 V
Low
Slow
Disable
DMAC, MTU3, IIC,
CANFD, DSMIF
All signals
Type A
3.3 V
Middle
Slow
Disable
Type B
3.3 V
Low
Slow
Disable
RZ/N2L Datasheet
2. Electrical Characteristics
R01DS0397EJ0110 Rev.1.10
Jul 29, 2022
Page 39 of 127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com