Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N2L Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # N2L
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

N2L Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button N2L Datasheet HTML 9Page - Renesas Technology Corp N2L Datasheet HTML 10Page - Renesas Technology Corp N2L Datasheet HTML 11Page - Renesas Technology Corp N2L Datasheet HTML 12Page - Renesas Technology Corp N2L Datasheet HTML 13Page - Renesas Technology Corp N2L Datasheet HTML 14Page - Renesas Technology Corp N2L Datasheet HTML 15Page - Renesas Technology Corp N2L Datasheet HTML 16Page - Renesas Technology Corp N2L Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 127 page
background image
1.4
Block Diagram
Figure 1.1 shows a block diagram of the 225-pin device.
OTP
Security
MBXSEM
Peripheral modules for Non-Safety
Peripheral modules for Motor
Subsystem
On-chip system
SRAM
with ECC
xSPI × 2
channels
Port 0
Port 1
Port 2
Port 3
Port 4
Port 5
Port 6
Port 7
Port 8
Port 9
Port 10
Port 12
Port 13
Port 14
Port 15
Port 16
Port 17
Port 18
Port 19
Port 20
Port 21
Port 22
Port 23
Clock
generation
circuit
BSC
ESC × 3 ports
TFU
CANFD × 2 channels
WDT × 1 channel
POEG (unit 0)
CMT × 6 channels (unit 0-2)
CMTW × 2 channels (unit 0-1)
POE3
12-bit A/D converter (unit 0)
MTU3
GPT × 4 channels (unit 0)
DSMIF × 6 channels (unit 0-1)
SCI × 5 channels
GMAC
: Ethernet MAC
ETHSW
: Ethernet switch
ESC
: EtherCAT slave controller
DMAC
: DMA controller
BSC
: Bus state controller
xSPI
: Expanded serial peripheral interface
WDT
: Watchdog timer
SCI
: Serial communication interface
SPI
: Serial peripheral interface
USB
: USB 2.0 HS host/function module
GIC
: Generic interrupt controller
MPU
: Memory protection unit
ELC
: Event link controller
MTU3
: Multi-function timer pulse unit 3
SHOSTIF
: Serial host interface
MBXSEM
: Mailbox and Semaphore
GPT
: General PWM timer
CMT
: Compare match timer
CMTW
: Compare match timer W
POE3
: Port output enable 3
POEG
: Port output enable for GPT
RTC
: Real time clock
IIC
: I2C bus interface
CANFD
: CANFD module
DSMIF
: ΔΣ interface
TFU
: Trigonometric function unit
CRC
: CRC (cyclic redundancy check) calculator
CLMA
: Clock monitor circuit
DOC
: Data operation circuit
TSU
: Temperature sensor unit
PHOSTIF : Parallel host interface
OTP
: One-time programmable memory
TSU
ETHSW
× 3 ports
Port 24
TCM
Cortex-R52
(CPU0)
GIC
MPU
GMAC × 1 port
USB
× 1 port
DMAC ×
8 channels
(unit 0)
DMAC ×
8 channels
(unit 1)
GPT × 10 channels (unit 1)
POEG (unit 1)
12-bit A/D converter (unit 1)
IIC × 2 channels
SPI × 3 channels
CRC (unit 0)
DOC
Peripheral modules for Safety
GPT × 4 channels (unit 2)
POEG (unit 2)
RTC
CRC (unit 1)
SCI × 1 channel
IIC × 1 channel
SPI × 1 channel
CLMA
ELC
SHOSTIF
PHOSTIF
Figure 1.1
Block diagram of a 225-pin device
RZ/N2L Datasheet
1. Overview
R01DS0397EJ0110 Rev.1.10
Jul 29, 2022
Page 13 of 127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com