Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N2L Datasheet(PDF) 83 Page - Renesas Technology Corp

Part # N2L
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

N2L Datasheet(HTML) 83 Page - Renesas Technology Corp

Back Button N2L Datasheet HTML 79Page - Renesas Technology Corp N2L Datasheet HTML 80Page - Renesas Technology Corp N2L Datasheet HTML 81Page - Renesas Technology Corp N2L Datasheet HTML 82Page - Renesas Technology Corp N2L Datasheet HTML 83Page - Renesas Technology Corp N2L Datasheet HTML 84Page - Renesas Technology Corp N2L Datasheet HTML 85Page - Renesas Technology Corp N2L Datasheet HTML 86Page - Renesas Technology Corp N2L Datasheet HTML 87Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 127 page
background image
Table 2.33
IIC timing
Parameter
Symbol Min.*1 *2
Max.*1 *2
Unit
Reference
figure
IIC
(Standard-mode)
SCL input cycle time
tSCL
6(12) × tIICcyc + 1300
—
ns
Figure 2.63
SCL input high pulse width
tSCLH
3(6) × tIICcyc + 300
—
ns
SCL input low pulse width
tSCLL
3(6) × tIICcyc + 300
—
ns
SCL, SDA input rising time
tsr
—
1000
ns
SCL, SDA input falling time
tsf
—
300
ns
SCL, SDA input spike pulse removal
time
tSP
0
1(4) × tIICcyc
ns
SDA input bus free time
tBUF
3(6) × tIICcyc + 300
—
ns
Start condition input hold time
tSTAH
tIICcyc + 300
—
ns
Restart condition input setup time
tSTAS
1000
—
ns
Stop condition input setup time
tSTOS
1000
—
ns
Data input setup time
tSDAS
tIICcyc + 50
—
ns
Data input hold time
tSDAH
0
—
ns
SCL, SDA capacitive load
Cb
—
400
pF
IIC
(Fast-mode)
SCL input cycle time
tSCL
6(12) × tIICcyc + 600
—
ns
SCL input high pulse width
tSCLH
3(6) × tIICcyc + 300
—
ns
SCL input low pulse width
tSCLL
3(6) × tIICcyc + 300
—
ns
SCL, SDA input rising time
tsr
—*4
300
ns
SCL, SDA input falling time
tsf
—*4
300
ns
SCL, SDA input spike pulse removal
time
tSP
0
1(4) × tIICcyc
ns
SDA input bus free time
tBUF
3(6) × tIICcyc + 300
—
ns
Start condition input hold time
tSTAH
tIICcyc + 300
—
ns
Restart condition input setup time
tSTAS
300
—
ns
Stop condition input setup time
tSTOS
300
—
ns
Data input setup time
tSDAS
tIICcyc + 50
—
ns
Data input hold time
tSDAH
0
—
ns
SCL, SDA capacitive load*3
Cb
—
400
pF
Note 1. tIICcyc: IIC internal reference clock (PCLKL) cycle
Note 2. The value out of parentheses is applicable when the value of the ICMR3.NF[1:0] bits is 00b while the digital filter is enabled by
setting ICFER.NFE = 1. The value within parentheses is applicable when the value of the ICMR3.NF[1:0] bits is 11b while the digital
filter is enabled by setting ICFER.NFE = 1.
Note 3. Cb is the total capacitance of the bus lines.
Note 4. The minimum values are not specified for tsr and tsf in Fast-mode.
RZ/N2L Datasheet
2. Electrical Characteristics
R01DS0397EJ0110 Rev.1.10
Jul 29, 2022
Page 83 of 127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com