Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N2L Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # N2L
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

N2L Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button N2L Datasheet HTML 41Page - Renesas Technology Corp N2L Datasheet HTML 42Page - Renesas Technology Corp N2L Datasheet HTML 43Page - Renesas Technology Corp N2L Datasheet HTML 44Page - Renesas Technology Corp N2L Datasheet HTML 45Page - Renesas Technology Corp N2L Datasheet HTML 46Page - Renesas Technology Corp N2L Datasheet HTML 47Page - Renesas Technology Corp N2L Datasheet HTML 48Page - Renesas Technology Corp N2L Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 127 page
background image
Table 2.21
Bus timing (2 of 2)
Conditions: VOH = VCC33 × 0.5, VOL = VCC33 × 0.5, C = 15 pF (CKIO), 30 pF (others), Tjmin = -40℃
Parameter
Symbol
CKIO = 1/tCKcyc*1
(Max 66 MHz)
Unit
Reference Figure
Min.
Max.
Write data delay time 2
tWDD2
—
11
ns
Figure 2.23 to Figure 2.26,
Figure 2.30 to Figure 2.32
Write data hold time 1
tWDH1
1
—
ns
Figure 2.11 to Figure 2.17
Write data hold time 2
tWDH2
2
—
ns
Figure 2.23 to Figure 2.26,
Figure 2.30 to Figure 2.32
Write data hold time 4
tWDH4
0
—
ns
Figure 2.11 to Figure 2.15
WAIT# setup time*3
High-drive output
tWTS
1/2tCKcyc + 4.5 —
ns
Figure 2.12 to Figure 2.18
Normal output
1/2tCKcyc + 8
—
ns
WAIT# hold time
tWTH
1/2tCKcyc + 3.5 —
ns
Figure 2.12 to Figure 2.18
RAS# delay time 1
tRASD1
2
11
ns
Figure 2.19 to Figure 2.35
CAS# delay time 1
tCASD1
2
11
ns
Figure 2.19 to Figure 2.35
DQM delay time 1
tDQMD1
2
11
ns
Figure 2.19 to Figure 2.32
CKE delay time 1
tCKED1
2
11
ns
Figure 2.34
AH# delay time
tAHD
1/2tCKcyc
1/2tCKcyc + 10 ns
Figure 2.15
Multiplex address delay time
tMAD
—
10
ns
Figure 2.15
Multiplex address hold time
tMAH
1
—
ns
Figure 2.15
Address setup time to AH#
tAVVH
1/2tCKcyc − 2
—
ns
Figure 2.15
DACK/TEND delay time
tDACD
See section 2.5.4. DMAC
Timing
ns
Figure 2.11 to Figure 2.32
Note:
Notation of 1/2tCKcyc in the delay time, setup time, and hold time shows 1/2 cycles from the clock rising edge, that is, the reference
of clock falling.
Note 1. Take the number of cycles of waiting that suits the system configuration into consideration with regard to the fmax value for CKIO
(the external bus clock). When CKIO is running at 50 MHz or a higher frequency, select high drive output.
Note 2. These are values when SDRAM (CSnBCR.TYPE[2:0] = 100b) is selected in the CSn space bus control register (CSnBCR) and
high-drive output is selected for CKIO.
Note 3. These are values when high-drive output and normal output are respectively selected for CKIO.
Table 2.22
Bus timing (1 of 2)
Conditions: VOH = VCC33 × 0.5, VOL = VCC33 × 0.5, C = 12 pF (CKIO), 12 pF (others), Tjmin = -20℃
Parameter
Symbol
CKIO = 1/tCKcyc*1
(Max 100 MHz)
Unit
Reference Figure
Min.
Max.
Address delay time 1
SDRAM*2
tAD1
1.3
8
ns
Figure 2.11 to Figure 2.35
Other than the above
0
8
ns
Address delay time 2
tAD2
1/2tCKcyc - 0.5 1/2tCKcyc + 8
ns
Figure 2.18
Address setup time
tAS
0
—
ns
Figure 2.11 to Figure 2.14,
Figure 2.18
Chip enable setup time
tCS
0
—
ns
Figure 2.11 to Figure 2.14,
Figure 2.18
Address hold time
tAH
0
—
ns
Figure 2.11 to Figure 2.14
BS delay time
tBSD
—
8
ns
Figure 2.11 to Figure 2.32
CSn# delay time 1
SDRAM*2
tCSD1
1.3
8
ns
Figure 2.11 to Figure 2.35
Other than the above
0
8
ns
RZ/N2L Datasheet
2. Electrical Characteristics
R01DS0397EJ0110 Rev.1.10
Jul 29, 2022
Page 45 of 127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com