Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N2L Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # N2L
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

N2L Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button N2L Datasheet HTML 73Page - Renesas Technology Corp N2L Datasheet HTML 74Page - Renesas Technology Corp N2L Datasheet HTML 75Page - Renesas Technology Corp N2L Datasheet HTML 76Page - Renesas Technology Corp N2L Datasheet HTML 77Page - Renesas Technology Corp N2L Datasheet HTML 78Page - Renesas Technology Corp N2L Datasheet HTML 79Page - Renesas Technology Corp N2L Datasheet HTML 80Page - Renesas Technology Corp N2L Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 127 page
background image
POEGmGn.SSF bit
(m = 0 to 2, n = A to D)
GPT PWM output pins
Outputs disabled
tPOEGDS
Figure 2.52
Output disable time for POEG in response to the register setting
GPT PWM output pins
Oscillation stop detection
signal (internal signal)
Main clock
Outputs disabled
tPOEGDOS
Figure 2.53
Output disable time for POEG in response to the oscillation stop detection
2.5.5.7
A/D Converter Trigger Timing
Table 2.31
A/D converter trigger timing
Parameter
Symbol
Min.
Max.
Unit*1
Reference figure
A/D converter
A/D converter trigger
input pulse width
ADTRG0#,
ADTRG1#
tTRGW
1.5
—
tPADCcyc
Figure 2.54
Note 1. tPADCcyc: PCLKADC cycle
PCLKADC
tTRGW
ADTRG0#
ADTRG1#
Figure 2.54
A/D converter trigger input timing (ADTRG0#, ADTRG1#)
2.5.5.8
SCI Timing
Conditions: VOH = VCC33 × 0.5, VOL = VCC33 × 0.5, C = 30 pF (except Simple I2C)
RZ/N2L Datasheet
2. Electrical Characteristics
R01DS0397EJ0110 Rev.1.10
Jul 29, 2022
Page 77 of 127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com