Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N2L Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # N2L
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

N2L Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button N2L Datasheet HTML 82Page - Renesas Technology Corp N2L Datasheet HTML 83Page - Renesas Technology Corp N2L Datasheet HTML 84Page - Renesas Technology Corp N2L Datasheet HTML 85Page - Renesas Technology Corp N2L Datasheet HTML 86Page - Renesas Technology Corp N2L Datasheet HTML 87Page - Renesas Technology Corp N2L Datasheet HTML 88Page - Renesas Technology Corp N2L Datasheet HTML 89Page - Renesas Technology Corp N2L Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 127 page
background image
Table 2.35
SPI timing (2 of 2)
Conditions: VOH = VCC33 × 0.5, VOL = VCC33 × 0.5, C = 30 pF
Parameter
Symbol
Min.*1
Max.*1
Unit*1
Reference
figure
Slave access time
tSA
—
12
ns
Figure 2.68,
Figure 2.69
Slave output release time
tREL
—
12
ns
Note 1. tSPIcyc: PCLKSPIn cycle
Note 2. SPCKD set value + 1 (1 to 8)
Note 3. SSLND set value + 1 (1 to 8)
Note 4. SSLND set value + 2 (2 to 9)
RSPCKn
master select output
tSPcyc
tSPCKWH
tSPCKr
VOH
VOH
VOL
VOL
VOH
tSPCKWL
SPI
tSPCKf
VOL
RSPCKn
slave select input
tSPcyc
tSPCKWH
tSPCKr
VIH
tSPCKWL
tSPCKf
(n = 0 to 3)
VIH
VIL
VIL
VIH
VOH
VIH
VIL
VOH = VCC33 - 0.5 V, VOL = 0.4 V, VIH = 2.4 V, VIL = 0.8 V
Figure 2.65
SPI clock timing
SSLn0 to
SSLn3
output
tLEAD
SPI
tSSLr, tSSLf
RSPCKn
CPOL = 1
output
(n = 0 to 3)
tLAG
tTD
RSPCKn
CPOL = 0
output
tSU
tH
MSB IN
DATA
LSB IN
MSB IN
MISOn
input
MOSIn
output
MSB OUT
tDr, tDf
tOH
DATA
tOD
LSB OUT
MSB OUT
IDLE
Figure 2.66
SPI timing (Master, Motorola SPI, CPHA = 0)
RZ/N2L Datasheet
2. Electrical Characteristics
R01DS0397EJ0110 Rev.1.10
Jul 29, 2022
Page 86 of 127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com