Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N2L Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # N2L
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

N2L Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button N2L Datasheet HTML 3Page - Renesas Technology Corp N2L Datasheet HTML 4Page - Renesas Technology Corp N2L Datasheet HTML 5Page - Renesas Technology Corp N2L Datasheet HTML 6Page - Renesas Technology Corp N2L Datasheet HTML 7Page - Renesas Technology Corp N2L Datasheet HTML 8Page - Renesas Technology Corp N2L Datasheet HTML 9Page - Renesas Technology Corp N2L Datasheet HTML 10Page - Renesas Technology Corp N2L Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 127 page
background image
Table 1.8
Communication interfaces (3 of 3)
Feature
Functional description
CAN-FD module (CANFD)
● 2 channels
● Comply with CAN-FD ISO 11898-1 (2015)
● Communication speed
– Classical CAN mode: 1 Mbps
– CAN FD mode:
Nominal bit rate: max. 1 Mbps
Data bit rate: max. 8 Mbps
● Total 192 message buffers (in case frame size is 76 bytes)
– Individual buffers: 64 for TX
– Shared buffers: 128 for TX and RX including FIFO
● Selectable ID type with 11-bit Standard and 18-bit Extended
● Selectable Frame type: Data Frame and Remote Frame
● Up to 256 receive rules
Serial peripheral interface (SPI)
● 4 channels
● SPI transfer facility
– Using the MOSI (master out slave in), MISO (master in slave out), SSL (slave select),
and RSPCK (SPI clock) signals enable serial transfer through SPI operation (four lines)
or clock-synchronous operation (three lines)
– Capable of handling serial transfer as a master or slave
● Data formats
– Switching between MSB first and LSB first
– The number of bits in each transfer can be changed to any number of bits from 8 to 16,
or 20, 24, or 32 bits.
– 128-bit buffers for transmission and reception
– Up to four frames can be transmitted or received in a single transfer operation (with
each frame having up to 32 bits)
● Buffered structure
– Double buffers for both transmission and reception
● RSPCK can be stopped automatically with the reception buffer full for master reception
Expanded serial peripheral interface
(xSPI)
● 2 channels
● Comply with JESD251
● Multiple slave up to 2 slaves (channel 0 only)
● Protocol mode: 1/4/8pin with SDR/DDR
1S-1S-1S, 4S-4D-4D, 8D-8D-8D
● Support OctaFlash, OctaRAM, HyperFlash and HyperRAM
● Protocol mode: 2/4pin with SDR compatible with QSPI
1S-2S-2S, 2S-2S-2S
1S-4S-4S, 4S-4S-4S
● Configurable address length
● Configurable initial access latency cycle
● Support XiP mode
● Support up to 64 MB address space each CS
● Prefetch function for burst-read with low latency
● Outstanding buffer for burst-write with high throughput
● Manual command configurable up to 4 commands
● Output clock/input strobe port timing shift
● Automatic command after released reset: up to 4 commands
Note 1. EtherCAT is a registered trademark of Beckhoff Automation GmbH, Germany.
RZ/N2L Datasheet
1. Overview
R01DS0397EJ0110 Rev.1.10
Jul 29, 2022
Page 7 of 127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com