Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N2L Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # N2L
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

N2L Datasheet(HTML) 1 Page - Renesas Technology Corp

  N2L Datasheet HTML 1Page - Renesas Technology Corp N2L Datasheet HTML 2Page - Renesas Technology Corp N2L Datasheet HTML 3Page - Renesas Technology Corp N2L Datasheet HTML 4Page - Renesas Technology Corp N2L Datasheet HTML 5Page - Renesas Technology Corp N2L Datasheet HTML 6Page - Renesas Technology Corp N2L Datasheet HTML 7Page - Renesas Technology Corp N2L Datasheet HTML 8Page - Renesas Technology Corp N2L Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 127 page
background image
RZ/N2L Group
RZ Arm-based High-end 32 & 64-bit MPUs
200/400 MHz, Arm® Cortex®-R52 on-chip FPU and NEON™, 1.5 MB of on-chip SRAM, Ethernet MAC, EtherCAT, USB 2.0
high-speed, CAN/CANFD, various communications interfaces such as an xSPI and ΔΣ interface, and security functions
Features
R01DS0397EJ0110
Rev.1.10
Jul 29, 2022
■ On-chip 32-bit Arm Cortex-R52 processor
● High-speed realtime control with operating frequency of 200/400
MHz
● On-chip Single 32-bit Arm Cortex-R52 (revision r1p2)
● Tightly coupled memory (TCM) with ECC
– CPU0: 128 KB/128 KB
● Instruction cache/data cache with ECC
– CPU0: 16 KB per cache
● High-speed interrupt
● The FPU supports addition, subtraction, multiplication, division,
multiply-and-accumulate, and square-root operations at single-
precision and double-precision.
● The NEON, Advanced SIMD, supports integer or single precision
results.
● Harvard architecture with 8-stage pipeline
● Supports the memory protection unit (MPU)
● Arm CoreSight architecture, includes support for debugging
through JTAG and SWD interfaces.
■ Low power consumption
● Standby mode and module stop function
■ On-chip SRAM
● 1.5 MB of the on-chip SRAM with ECC
● 150/200 MHz
■ Data transfer
● DMAC: 8 channels × 2 units
■ Event link controller
● Module operations can be started by event signals rather than by
interrupt handlers.
● Linked operation of modules is available even while the CPU is in
the standby state.
■ Reset and power supply voltage control
● Four reset sources including a pin reset
■ Clock functions
● External clock/oscillator input frequency: 25 MHz
● CPU clock frequency: 200/400 MHz or 150/300 MHz
● System clock frequency: 200 MHz or 150 MHz
● Low-speed on-chip oscillator (LOCO): 240 kHz
■ Safety functions
● Register write protection, input clock oscillation stop detection and
CRC
● Master Memory Protection Unit (MPU)
■ Security functions (optional)
● Boot mode with security through encryption
● JTAG authentication
● Cryptologic accelerator
● TRNG
■ Various communications interfaces
● Ethernet
– EtherCAT slave Controller: 3 ports
– Ethernet switch: 3 ports
– Ethernet MAC: 1 port
● USB 2.0 high-speed host/functions: 1 channel
● CAN/CANFD (compliant with ISO11898-1): 2 channels
● SCI with 16-byte transmission and reception FIFOs: 6 channels
● I2C bus interface: 3 channel for transfer at up to 400 kbps
● SPI: 4 channels
● xSPI: 2 channels
■ External host interfaces
● Serial host interface (SHOSTIF)
● Parallel host interface (PHOSTIF)
■ External address space
● Buses for high-speed data transfer at up to 100 MHz
● Support for up to 4 CS areas
● 8- or 16-bit bus space is selectable per area
■ Up to 35 extended-function timers
● 16-bit × 8 + 32-bit MTU3 (9 channels), 32-bit GPT (18 channels):
Input capture, output compare, PWM waveform output
● 16-bit CMT (6 channels), 32-bit CMTW (2 channels)
■ ΔΣ interface
● Up to 6 ΔΣ modulators are connectable externally.
■ Trigonometric function unit
● Simultaneous calculation of sine and cosine
● Simultaneous calculation of arctangent and hypot_k
■ 12-bit A/D converter
● 12 bits × 2 unit (4 channels for unit 0, 8 channels for unit 1)
■ Temperature sensor for measuring temperature within the
chip
■ General-purpose I/O ports
● Input pull-up/pull-down
● The locations of input/output functions for peripheral modules are
selectable from among multiple pins.
■ Operating temperature range
● Tj = -40 to +125°C
Datasheet
R01DS0397EJ0110 Rev.1.10
Jul 29, 2022
Page 1 of 127


Similar Part No. - N2L

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N2LOCK-010-YW TRIPPLITE-N2LOCK-010-YW Datasheet
165Kb / 2P
Universal RJ45 Plug Locks, Yellow, 10 Pack
N2LOCK-KEY-RD TRIPPLITE-N2LOCK-KEY-RD Datasheet
162Kb / 1P
Security Key for Tripp Lite RJ45 Plug Locks and Locking Inserts, Red, 2 Pack
N2LPLUG-010-YW TRIPPLITE-N2LPLUG-010-YW Datasheet
167Kb / 2P
Universal RJ45 Locking Inserts, Yellow, 10 Pack
More results

Similar Description - N2L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HMS30C7210 ETC-HMS30C7210 Datasheet
2Mb / 337P
ARM Based 32-Bit Microprocessor
logo
OKI electronic componet...
ML675001 OKI-ML675001 Datasheet
196Kb / 24P
32-bit ARM-Based General-Purpose Microcontroller
logo
STMicroelectronics
CD00191174 STMICROELECTRONICS-CD00191174 Datasheet
1Mb / 112P
High-density access line, ARM-based 32-bit MCU
19-Apr-2011
STM32F103ZET7 STMICROELECTRONICS-STM32F103ZET7 Datasheet
1Mb / 130P
High-density performance line ARM-based 32-bit MCU
19-Apr-2011
logo
List of Unclassifed Man...
ML67Q4060 ETC2-ML67Q4060 Datasheet
545Kb / 37P
32-bit General-Purpose ARM-Based Microcontroller
XPT32P001 ETC2-XPT32P001 Datasheet
345Kb / 1P
ARM-based 32-bit MCU
logo
Microchip Technology
SAMD21G MICROCHIP-SAMD21G Datasheet
3Mb / 59P
32-bit ARM-Based Microcontrollers
2017
SAM9G20 MICROCHIP-SAM9G20 Datasheet
2Mb / 798P
32-BIT ARM-BASED MICROPROCESSORS
2017
logo
Renesas Technology Corp
RZ_T2M RENESAS-RZ_T2M Datasheet
1Mb / 127P
RZ Arm-based High-end 32 & 64-bit MPUs
Mar 22, 2022
RZ-N2L RENESAS-RZ-N2L Datasheet
1Mb / 127P
RZ Arm-based High-end 32 & 64-bit MPUs
Rev.1.20 Sep 30, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com