Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N2L Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # N2L
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

N2L Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button N2L Datasheet HTML 6Page - Renesas Technology Corp N2L Datasheet HTML 7Page - Renesas Technology Corp N2L Datasheet HTML 8Page - Renesas Technology Corp N2L Datasheet HTML 9Page - Renesas Technology Corp N2L Datasheet HTML 10Page - Renesas Technology Corp N2L Datasheet HTML 11Page - Renesas Technology Corp N2L Datasheet HTML 12Page - Renesas Technology Corp N2L Datasheet HTML 13Page - Renesas Technology Corp N2L Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 127 page
background image
Table 1.15
Others
Feature
Functional description
Power supply voltage
VDD = 1.1 V (Core)
VCC18 = 1.8 V (PLL, USB, ADC, TSU)
VCC33 = 3.3 V (I/O, USB)
VCC1833 = 1.8 V or 3.3 V (RGMII/RMII/MII*1, xSPI)
Operating temperature
Tj = −40 to +125°C
Packages
225 pin FBGA 13 × 13 mm, 0.8-mm pitch
121 pin FBGA 10 × 10 mm, 0.8-mm pitch
Note 1. Regarding Ethernet interface, RGMII mode should be set to 1.8 V. RMII and MII modes should be set to 3.3 V.
RZ/N2L Datasheet
1. Overview
R01DS0397EJ0110 Rev.1.10
Jul 29, 2022
Page 10 of 127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com