Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N2L Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # N2L
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

N2L Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button N2L Datasheet HTML 4Page - Renesas Technology Corp N2L Datasheet HTML 5Page - Renesas Technology Corp N2L Datasheet HTML 6Page - Renesas Technology Corp N2L Datasheet HTML 7Page - Renesas Technology Corp N2L Datasheet HTML 8Page - Renesas Technology Corp N2L Datasheet HTML 9Page - Renesas Technology Corp N2L Datasheet HTML 10Page - Renesas Technology Corp N2L Datasheet HTML 11Page - Renesas Technology Corp N2L Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 127 page
background image
Table 1.9
Analog
Feature
Functional description
12-bit A/D converter (ADC12)
● 12 bits × 2 units (unit 0: 4 channels, unit 1: 8 channels)
● 12-bit resolution
● Conversion time
0.84 µs per channel
● Operating mode
Scan mode (single scan mode, continuous scan mode, or 3 group scan mode)
Group priority control
● Sample-and-hold function
Common sample-and-hold circuit included
In addition, channel-dedicated sample-and-hold function (3 channels: in unit 0 only)
included
● Sampling variable
Sampling time can be set up for each channel
● Double trigger mode (A/D conversion data duplicated)
● Three ways to start A/D conversion
Software trigger, timer (MTU3, GPT) trigger, external trigger
● Event linking by the ELC
Temperature sensor unit (TSU)
● 1 channel
● Relative precision: ±1°C (typ)
Table 1.10
Hardware accelerator for industrial interfaces
Feature
Functional description
ΔΣ interface (DSMIF)
● 3 channels × 2 units
● Selectable 2 inputs (U/V) or 3 inputs (U/V/W)
● Up to 6 ΔΣ modulators are externally connectable
● Sinc filter can be selected as first, second or third order
Trigonometric function unit (TFU)
Calculation of sine, cosine, arctangent, hypot_k (
x2+y2/k)
● Simultaneous calculation of sine and cosine
● Simultaneous calculation of arctangent and hypot_k
Table 1.11
Safety (1 of 2)
Feature
Functional description
Memory protection unit (MPU)
● Cortex-R52 MPU
Two stages MPUs (EL2 and EL1)
24 regions each MPU
● Master MPU
Memory protection for masters except Cortex-R52 (DMAC, USB, Ethernet MAC, CoreSight,
SHOSTIF, PHOSTIF)
Register write protection function
Protects important registers from being overwritten for in case a program runs out of control.
CRC calculator (CRC)
● 2 channels
● CRC code generation for arbitrary amounts of data in 8-, 16-, or 32-bit units
● Select any of four generating polynomials:
– X32 + X26 + X23 + X22 + X16 + X12 + X11 + X10 + X8 + X7 + X5 + X4 + X2 + X + 1 (32-
Ethernet)
– X32 + X28 + X27 + X26 + X25 + X23 + X22 + X20 + X19 + X18 + X14 + X13 + X11 + X10 +
X9 + X8 + X6 + 1 (CRC-32C)
– X16 + X15 + X2 + 1 (CRC-16)
– X16 + X12 + X5 + 1 (CRC-CCITT)
– X8 + X2 + X + 1 (CRC-8)
Clock monitor circuit (CLMA)
● Monitors the abnormal output clock frequency from the PLL circuit or low-speed on-chip
oscillator.
● Input clock oscillation stop detection: Available
Data operation circuit (DOC)
The function to compare, add, or subtract 16-bit data
RZ/N2L Datasheet
1. Overview
R01DS0397EJ0110 Rev.1.10
Jul 29, 2022
Page 8 of 127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com