Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM8133BB Datasheet (PDF) - Nippon Precision Circuits Inc

SM8133BB Datasheet PDF - Nippon Precision Circuits Inc
Part # SM8133BB
Download  SM8133BB Download
File Size   166.6 Kbytes
Page   20 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description White LED Driver IC

SM8133BB Datasheet (PDF)

Go To PDF Page Download Datasheet
SM8133BB Datasheet PDF - Nippon Precision Circuits Inc

Part # SM8133BB
Download  SM8133BB Click to download

File Size   166.6 Kbytes
Page   20 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description White LED Driver IC

SM8133BB Datasheet (HTML) - Nippon Precision Circuits Inc


SM8133BB Product details

OVERVIEW

The SM8133B is a charge pump type white LED driver. It can drive 1 to 6 backlight white LED connected in parallel and 1 flash white LED. The output voltage circuit has a 3.0V LDO (Low Dropout Regulator), making the device ideal for camera-equipped cellular phones. The charge pump switches between ×1 to ×1.5 boost mode in response to LED drive current requirements to extend battery life to the maximum. The boost switching occurs in response to the drive current of all the connected LED and thus supports variations in LED for ward-bias voltage drop (VF). Each LED drive current is controlled by a 7-channel LED drive current control circuit. The 6 backlight channels can be subdivided into 2 groups, with each group having independent dimming and lighting control. The backlight grouping, backlight LED drive current and ON/OFF control, flash

LED drive current and ON/OFF control, and LDO output ON/OFF control are all set by 3-wire serial interface data input. Also, the RESETB pin can be connected to the microcontroller supply for a system-wide shutdown function.



FEATURES

■ Noise reduction due to charge pump boost circuit

■ Automatic charge pump switching to conserve power

■ Drives 1 to 6 backlight white LED(30mA/ch at maximum setting)

■ Drives a flash white LED (150mA at maximum setting)

■ Backlight and flash white LED brightness adjustment

■ Group settings for 2-group backlight lighting control

■ 3-wire serial input interface for all setting and control

■ 3.0V output LDO circuit built-in

■ Shutdown function by RESETB pin

■ Soft start circuit built-in

■ Thermal protection circuit built-in

■ Input voltage range

• No-load current (IOUT= 0mA): 2.7 to 4.6V

• Load current (IOUT= 80mA): 3.0 to 4.6V

• Load current (IOUT= 200mA): 3.3 to 4.6V

■ Quiescent current

• LDO only: 0.3mA (typ)

• Not -switching (×1.0 mode): 0.5mA (typ)

• Switching (×1.5 mode): 2.5mA (typ)

■ Standby current: 0.01µA (typ)

■ Operating frequency: 750kHz (typ)

■ Backlight LED current: 30mA/ch (typ)

■ Flash LED current: 150mA (typ)

■ All LED total maximum current: 200mA (typ)

■ Backlight LED current matching (ILED= 30mA) : ±3%

■ Flash LED current accuracy (ILED= 150mA) : ±5%

■ LDO (Low Dropout Regulator) output voltage : 3.0V±2%

■ Packages:20-pin QFN WL-CSP (under development)



APPLICATIONS

■ Cellular phone

■ Digital still camera

■ PDA

■ Portable games




Similar Part No. - SM8133BB

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8133BB NPC-SM8133BB Datasheet
175Kb / 23P
White LED Driver IC
More results


Similar Description - SM8133BB

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8120 NPC-SM8120 Datasheet
201Kb / 14P
White LED Driver IC
SM8121A NPC-SM8121A Datasheet
372Kb / 19P
White LED Driver IC
SM8122A NPC-SM8122A Datasheet
162Kb / 13P
White LED Driver IC
SM8130 NPC-SM8130 Datasheet
83Kb / 6P
White LED Driver IC
SM8132A NPC-SM8132A Datasheet
137Kb / 18P
White LED Driver IC
SM8133B NPC-SM8133B_06 Datasheet
175Kb / 23P
White LED Driver IC
SM8134A NPC-SM8134A Datasheet
144Kb / 19P
White LED Driver IC
SM8135A NPC-SM8135A Datasheet
157Kb / 20P
White LED Driver IC
SM8135B NPC-SM8135B Datasheet
148Kb / 19P
White LED Driver IC
SM8136A NPC-SM8136A Datasheet
126Kb / 15P
White LED Driver IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com