Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5326 Datasheet (PDF) - Cirrus Logic

CS5326 Datasheet PDF - Cirrus Logic
Part # CS5326
Download  CS5326 Download
File Size   688.96 Kbytes
Page   19 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 16 & 18-Bit, Stereo A/D Converters for Digital Audio

CS5326 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS5326 Datasheet PDF - Cirrus Logic

Part # CS5326
Download  CS5326 Click to download

File Size   688.96 Kbytes
Page   19 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 16 & 18-Bit, Stereo A/D Converters for Digital Audio

CS5326 Datasheet (HTML) - Cirrus Logic


CS5326 Product details

Features
Complete CMOS Stereo A/D System
Delta-Sigma A/D Converters
Digital Anti-Alias Filtering
S/F Circuitry and Voltage Reference
• Adjustable System Sampling Rates
30 kHz to 50 kHz
• Low Noise and Distortion
95 dB dynamic range, 16-Bit
97 dB dynamic range, 18-Bit
100 dB dynamic range, 19-Bit Mono
0.0015% THD
• Internal 64X Oversampling
• Linear Phase Digital Anti-Alias Filtering
0.001dB Passband Ripple
86dB Stopband Rejection
• Low Power Dissipation: 450 mW
Power-Down Mode for Portable
Applications




Similar Part No. - CS5326

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5320 CIRRUS-CS5320 Datasheet
785Kb / 38P
24-Bit Variable Bandwidth A/D Converter Chipset
logo
Applied Micro Circuits ...
CS5320 AMCC-CS5320 Datasheet
1Mb / 160P
PCI Match Maker, 3.3V
logo
Cirrus Logic
CS5320-KL CIRRUS-CS5320-KL Datasheet
785Kb / 38P
24-Bit Variable Bandwidth A/D Converter Chipset
CS5320-KL1 CIRRUS-CS5320-KL1 Datasheet
785Kb / 38P
24-Bit Variable Bandwidth A/D Converter Chipset
CS5321 CIRRUS-CS5321 Datasheet
785Kb / 38P
24-Bit Variable Bandwidth A/D Converter Chipset
More results


Similar Description - CS5326

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9480F ROHM-BU9480F Datasheet
56Kb / 5P
16-bit stereo D / A converter for audio applications
logo
Sanyo Semicon Device
LC78850 SANYO-LC78850 Datasheet
166Kb / 8P
Two-channel,16- and 18-bit D/A Converters for Digital Audio
logo
Cirrus Logic
CS4329 CIRRUS-CS4329 Datasheet
1Mb / 36P
20-Bit, Stereo D/A Converter for Digital Audio
CS4390 CIRRUS-CS4390 Datasheet
629Kb / 22P
24-Bit, Stereo D/A Converter for Digital Audio
CS5126 CIRRUS-CS5126 Datasheet
394Kb / 32P
16-Bit Stereo A/D Converter for Digital Audio
CS5360 CIRRUS-CS5360 Datasheet
546Kb / 22P
24-Bit Stereo A/D Converter for Digital Audio
CS4328 CIRRUS-CS4328 Datasheet
831Kb / 31P
18-Bit, Stereo D/A Converter for Digital Audio
OCT 1993
CS5336 CIRRUS-CS5336 Datasheet
681Kb / 34P
16-Bit, Stereo A/D Converters for Digital Audio
CS5334 CIRRUS-CS5334 Datasheet
437Kb / 20P
20-Bit, Stereo A/D Converter for Digital Audio
CS5336 CIRRUS-CS5336_V01 Datasheet
816Kb / 34P
16-Bit, Stereo A/D Converters for Digital Audio
AUG 93
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com