Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet (PDF) - Cirrus Logic

CS5320 Datasheet PDF - Cirrus Logic
Part # CS5320
Download  CS5320 Download
File Size   785.25 Kbytes
Page   38 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 24-Bit Variable Bandwidth A/D Converter Chipset

CS5320 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS5320 Datasheet PDF - Cirrus Logic

Part # CS5320
Download  CS5320 Click to download

File Size   785.25 Kbytes
Page   38 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 24-Bit Variable Bandwidth A/D Converter Chipset

CS5320 Datasheet (HTML) - Cirrus Logic


CS5320 Product details

Description
The CK5320 and CK5321 Chipsets function as a unique A/D converter intended for very high resolution measurement of signals below 1500 Hz. The CK5320 Chipset is a cost effective commercial grade solution for applications which require a high dynamic range A/D converter. The chipsets perform sampling, A/D conversion, and anti-alias filtering.

Features
● CMOS A/D Converter Chipset
● Dynamic Range
   - 130 dB @ 25 Hz Bandwidth
   - 121 dB @ 411 Hz Bandwidth
● Delta-Sigma Architecture
   - Fourth-Order Modulator
   - Variable Oversampling: 64X to 4096X
   - Internal Track-and-Hold Amplifier
● CS5321 Signal-to-Distortion: 115 dB
● Clock Jitter Tolerant Architecture
● Input Voltage Range: +4.5 V
● Flexible Filter Chip
   - Hardware or Software Selectable Options
   - Seven Selectable Filter Corners (-3 dB) Frequencies: 25, 51, 102, 205, 411, 824 and 1650 Hz
● Low Power Dissipation: <100 mW




Similar Part No. - CS5320

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
CS5320 AMCC-CS5320 Datasheet
1Mb / 160P
PCI Match Maker, 3.3V
More results


Similar Description - CS5320

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4390 CIRRUS-CS4390 Datasheet
629Kb / 22P
24-Bit, Stereo D/A Converter for Digital Audio
CS5333 CIRRUS-CS5333 Datasheet
375Kb / 20P
24-Bit, 96 kHz Stereo A/D Converter?
logo
Burr-Brown (TI)
ADS1271 BURR-BROWN-ADS1271 Datasheet
381Kb / 29P
24 BIT WIDE BANDWIDTH ANALOG TO DIGITAL CONVERTER
logo
Holtek Semiconductor In...
HT82V738 HOLTEK-HT82V738 Datasheet
120Kb / 9P
24-Bit Stereo Audio D/A Converter
October 16, 2003
logo
Cirrus Logic
CS5321 CIRRUS-CS5321 Datasheet
653Kb / 36P
24-bit, Variable-bandwidth A/D Converter Chipset
CS5321 CIRRUS-CS5321_06 Datasheet
672Kb / 36P
24-bit, Variable-bandwidth A/D Converter Chipset
logo
Elite Semiconductor Mem...
AD12250A ESMT-AD12250A Datasheet
132Kb / 3P
24 bit, 96 kHz Stereo A/D Converter
logo
Texas Instruments
ADS1271IBPW TI1-ADS1271IBPW Datasheet
793Kb / 38P
24-Bit, Wide Bandwidth Analog-to-Dogotal Converter
ADS1271 TI1-ADS1271_14 Datasheet
794Kb / 39P
24-bit, Wide Bandwidth Analog-to-Digital Converter
logo
Jiaxing Heroic Technolo...
HT5010 HEROIC-HT5010 Datasheet
586Kb / 4P
24-Bit, 192kHz Stereo D/A Converter
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com