Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS5320
Description  24-Bit Variable Bandwidth A/D Converter Chipset
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5320 Datasheet(HTML) 3 Page - Cirrus Logic

  CS5320 Datasheet HTML 1Page - Cirrus Logic CS5320 Datasheet HTML 2Page - Cirrus Logic CS5320 Datasheet HTML 3Page - Cirrus Logic CS5320 Datasheet HTML 4Page - Cirrus Logic CS5320 Datasheet HTML 5Page - Cirrus Logic CS5320 Datasheet HTML 6Page - Cirrus Logic CS5320 Datasheet HTML 7Page - Cirrus Logic CS5320 Datasheet HTML 8Page - Cirrus Logic CS5320 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
CS5320/21/22
DS454PP1
3
4. CS5322 PIN DESCRIPTIONS ....................................................................... 31
Power Supplies ........................................................................................ 31
Digital Outputs .......................................................................................... 31
Digital Inputs ............................................................................................. 32
5. ORDERING INFORMATION ......................................................................... 34
6. PARAMETER DEFINITIONS......................................................................... 35
7. PACKAGE DIMENSIONS ............................................................................. 36
LIST OF FIGURES
Figure 1. Rise and Fall Times ..................................................................................... 6
Figure 2. CS5320 and CS5321 Interface Timing, HBR=1 .......................................... 6
Figure 3. CS5322 Filter Response ............................................................................. 8
Figure 4. CS5322 Digital Filter Passband Ripple f0 = 62.5 Hz ................................... 8
Figure 5. CS5322 Digital Filter Passband Ripple f0 = 125 Hz ................................... 8
Figure 6. CS5322 Digital Filter Passband Ripple f0 = 250 Hz ................................... 8
Figure 7. CS5322 Digital Filter Passband Ripple f0 = 500 Hz ................................... 9
Figure 8. CS5322 Digital Filter Passband Ripple f0 = 1000 Hz ................................. 9
Figure 9. CS5322 Digital Filter Passband Ripple f0 = 2000 Hz ................................. 9
Figure 10. CS5322 Digital Filter Passband Ripple f0 = 4000 Hz ............................... 9
Figure 11. CS5322 Impulse Response f0 = 62.5 Hz ................................................... 9
Figure 12. CS5322 Impulse Response f0 = 1000 Hz .................................................. 9
Figure 13. CS5322 Serial Port Timing ...................................................................... 11
Figure 14. TDATA Setup/Hold Timing ...................................................................... 12
Figure 15. DRDY Timing .......................................................................................... 13
Figure 16. RESET Timing ......................................................................................... 13
Figure 17. CS5320/21/CS5322 Interface Timing ...................................................... 14
Figure 18. CS5320/21 Block Diagram ...................................................................... 16
Figure 19. CS5322 Block Diagram ........................................................................... 17
Figure 20. System Connection Diagram ................................................................... 19
Figure 21. 4.5 Voltage Reference with two filter options .......................................... 20
Figure 22. 1024 Point FFT Plot with -20 dB Input, 100 Hz Input, ten averages ....... 22
Figure 23. 1024 Point FFT Plot with Full Scale Input, 100 Hz Input, ten averages .. 22
Figure 24. 1024 Point FFT Plot with Full Scale Input, 100 Hz Input, ten averages .. 22
LIST OF TABLES
Table 1.
Output Coding for the CS5320/21 and CS5322 Combination ................. 21
Table 2. Configuration Data Bits ............................................................................ 24
Table 3. Status Data (from the SOD Pin) ............................................................... 26
Table 4. Bandwidth Selection: Truth Table ............................................................ 27
Table 5. Detailed Ordering Information .................................................................. 34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com