Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 35 Page - Cirrus Logic

Part # CS5320
Description  24-Bit Variable Bandwidth A/D Converter Chipset
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5320 Datasheet(HTML) 35 Page - Cirrus Logic

Back Button CS5320 Datasheet HTML 30Page - Cirrus Logic CS5320 Datasheet HTML 31Page - Cirrus Logic CS5320 Datasheet HTML 32Page - Cirrus Logic CS5320 Datasheet HTML 33Page - Cirrus Logic CS5320 Datasheet HTML 34Page - Cirrus Logic CS5320 Datasheet HTML 35Page - Cirrus Logic CS5320 Datasheet HTML 36Page - Cirrus Logic CS5320 Datasheet HTML 37Page - Cirrus Logic CS5320 Datasheet HTML 38Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
CS5320/21/22
DS454PP1
35
6. PARAMETER DEFINITIONS
Dynamic Range
The ratio of the full-scale (rms) signal to the broadband (rms) noise signal. Broadband noise is
measured with the input grounded within the bandwidth of 1 Hz to f3 Hz (See “CS5322
FILTER CHARACTERISTICS” on page 8). Units in dB.
Signal-to-Distortion
The ratio of the full-scale (rms) signal to the rms sum of all harmonics up to f3 Hz.
Units in dB.
Intermodulation Distortion
The ratio of the rms sum of the two test frequencies (30 and 50 Hz) which are each 6 dB down
from full-scale to the rms sum of all intermodulation components within the bandwidth of dc to
f3 Hz. Units in dB.
Full Scale Error
The ratio of the difference between the value of the voltage reference and analog input voltage
to the full scale span (two times the voltage reference value). This ratio is calculated after the
effects of offset and the external bias components are removed and the analog input voltage is
adjusted. Measurement of this parameter uses the circuitry illustrated in the System Connection
Diagram. Units in %.
Full Scale Drift
The change in the Full Scale value with temperature. Units in %/
°C.
Offset
The difference between the analog ground and the analog voltage necessary to yield an output
code from the CS5320/22 or CS5321/22 of 000000(H). Measurement of this parameter uses the
circuit configuration illustrated in the System Connection Diagram. Units in mV.
Offset Drift
The change in the Offset value with temperature. Measurement of this parameter uses the
circuit configuration illustrated in the System Connection Diagram. Units in
µV/°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com