Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 30 Page - Cirrus Logic

Part # CS5320
Description  24-Bit Variable Bandwidth A/D Converter Chipset
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5320 Datasheet(HTML) 30 Page - Cirrus Logic

Back Button CS5320 Datasheet HTML 26Page - Cirrus Logic CS5320 Datasheet HTML 27Page - Cirrus Logic CS5320 Datasheet HTML 28Page - Cirrus Logic CS5320 Datasheet HTML 29Page - Cirrus Logic CS5320 Datasheet HTML 30Page - Cirrus Logic CS5320 Datasheet HTML 31Page - Cirrus Logic CS5320 Datasheet HTML 32Page - Cirrus Logic CS5320 Datasheet HTML 33Page - Cirrus Logic CS5320 Datasheet HTML 34Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
CS5320/21/22
30
DS454PP1
AINR - Analog Input Rough, PIN 10
Allows a non-linear current to bypass the main external anti-aliasing filter which if allowed to
happen, would cause harmonic distortion in the modulator. Please refer to the System
Connection Diagram and the Analog Input and Voltage Reference section of the data sheet for
recommended use of this pin.
VREF+ – Positive Voltage Reference Input, PIN 5
This pin accepts an external +4.5 V voltage reference.
VREF- – Negative Voltage Reference Input, PIN 6
This pin is tied to ground.
Digital Inputs
MCLK – Clock Input, PIN 20
A CMOS-compatible clock input to this pin (nominally 1.024 MHz) provides the necessary
clock for operation of the modulator and data output portions of the A/D converter. MCLK is
normally supplied by the CS5322
MSYNC – Modulator Sync, PIN 25
A transition from a low to high level on this input will re-initialize the CS5320/21. MSYNC
resets a divider-counter to align the MDATA output bit stream from the CS5320/21 with the
timing inside the CS5322.
OFST - Offset, PIN 28
When high, adds approximately 100 mV of input referred offset to guarantee that any zero
input limit cycles are out of band if present. When low, zero offset is added.
LPWR - Low Power Mode, PIN 27
The CS5320/21 power dissipation can be reduced from its nominal value of 55 mW to 30 mW
under the following conditions:
LPWR=1; MCLK = 512 kHz, HBR=1; or LPWR=1; MCLK = 1.024 MHz, HBR=0
HBR – High Bit Rate, Pin 26
Selects either 1
⁄4 MCLK (HBR=1) or 1 ⁄8MCLK (HBR=0) for the modulator sampling clock.
Digital Outputs
MDATA – Modulator Data Output, PIN 18
Data will be presented in a one-bit serial data stream at a bit rate of 256 kHz (HBR=1) or
128 kHz (HBR=0) with MCLK operating at 1.024 MHz.
MDATA – Modulator Data Output, PIN 17
Inverse of the MDATA output.
MFLG – Modulator Flag, PIN 24
A transition from a low to high level signals that the CS5320/21 modulator is unstable due to
an over-range on the analog input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com