Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS5320
Description  24-Bit Variable Bandwidth A/D Converter Chipset
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5320 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS5320 Datasheet HTML 19Page - Cirrus Logic CS5320 Datasheet HTML 20Page - Cirrus Logic CS5320 Datasheet HTML 21Page - Cirrus Logic CS5320 Datasheet HTML 22Page - Cirrus Logic CS5320 Datasheet HTML 23Page - Cirrus Logic CS5320 Datasheet HTML 24Page - Cirrus Logic CS5320 Datasheet HTML 25Page - Cirrus Logic CS5320 Datasheet HTML 26Page - Cirrus Logic CS5320 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
CS5320/21/22
DS454PP1
23
2.9 Power Supply Considerations
The system connection diagram, Figure 20, illus-
trates the recommended power supply arrange-
ments. There are two positive power supply pins
for the CS5320/21 and two negative power supply
pins. Power must be supplied to all four pins and
each of the supply pins should be de-coupled with
a 0.1
µF capacitor to the nearest ground pin on the
device.
When used with the CS5322 digital filter, the max-
imum voltage differential between the positive sup-
plies of the CS5320/21 and the positive digital
supply of the CS5322 must be less than 0.25 V. Op-
eration beyond this constraint may result in loss of
analog
performance
in
the
CS5320/22
and
CS5321/22 system performance.
Many seismic or portable data acquisition systems
are battery powered and utilize dc-dc converters to
generate the necessary supply voltages for the sys-
tem. To minimize the effects of power supply inter-
ference, it is desirable to operate the dc-dc
converter at a frequency which is rejected by the
digital filter, or locked to the modulator sample
clock rate.
A synchronous dc-dc converter, whose operating
frequency is derived from the 1.024 MHz clock
used to drive the CS5322, will minimize the poten-
tial for "beat frequencies" appearing in the pass-
band between dc and the corner frequency of the
digital filter.
2.10 Power Supply Rejection Ratio
The PSRR of the CS5320/21 is frequency depen-
dent. The CS5322 digital filter attenuation will aid
in rejection of power supply noise for frequencies
above the corner frequency setting of the CS5322.
For frequencies between dc and the corner frequen-
cy of the digital filter, the PSRR is nearly constant
at about 60 dB.
2.11 RESET Operation
The RESET pin puts the CS5322 into a known ini-
tialized state. RESET is recognized on the next
CLKIN rising edge after the RESET pin has been
brought high (RESET=1). All internal logic is ini-
tialized when RESET is active.
Normal device operation begins on the second
CLKIN rising edge after RESET is brought low.
The CS5322 will remain in an idle state, not per-
forming convolutions, until triggered by a SYNC
event.
A RESET operation clears memory, sets the data
output register, offset register, and status flags to all
zeroes, and sets the configuration register to the
state of the corresponding hardware pins (PWDN,
ORCAL, DECC, DECB, DECA, USEOR, and
CSEL). The reset state is entered on power on, in-
dependent of the RESET pin. If RESET is low, the
first CLKIN will exit the power on reset state.
2.12 Power-down Operation
The PWDN pin puts the CS5322 into the power-
down state. The power-down state is entered on the
first CLKIN rising edge after the PWDN pin is
brought high. While in the power-down state, the
MCLK and MSYNC signals to the CS5320/21 an-
alog modulator are held low. The loss of the MCLK
signal to the modulator causes it to power-down.
The signals on the MDATA and MFLG pins are ig-
nored. The serial interface of the CS5322 remains
active allowing read and write operations. Informa-
tion in the data register, offset register, configura-
tion register, and convolution data memory are
maintained during power-down. The internal con-
troller requires 64 clock cycles after PWDN is as-
serted before CLKIN stops.
The CS5322 exits the power-down state on the first
CLKIN rising edge after the PWDN pin is brought
low. The CS5322 then enters an idle state until trig-
gered by a SYNC event.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com