Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS5320
Description  24-Bit Variable Bandwidth A/D Converter Chipset
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5320 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS5320 Datasheet HTML 12Page - Cirrus Logic CS5320 Datasheet HTML 13Page - Cirrus Logic CS5320 Datasheet HTML 14Page - Cirrus Logic CS5320 Datasheet HTML 15Page - Cirrus Logic CS5320 Datasheet HTML 16Page - Cirrus Logic CS5320 Datasheet HTML 17Page - Cirrus Logic CS5320 Datasheet HTML 18Page - Cirrus Logic CS5320 Datasheet HTML 19Page - Cirrus Logic CS5320 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
CS5320/21/22
16
DS454PP1
2. GENERAL DESCRIPTION
The CS5320 and CS5321 are fourth-order CMOS
monolithic analog modulators designed specifical-
ly for very high resolution measurement of signals
between dc and 1500 Hz. Configuring the CS5320
or CS5321 with the CS5322 FIR filter results in a
high resolution A/D converter system that performs
sampling and A/D conversion with dynamic range
exceeding 120 dB .
The CS5320 and CS5321 use a fourth-order over-
sampling architecture to achieve high resolution
A/D conversion. The modulator consists of a 1-bit
A/D converter embedded in a negative feedback
loop. The modulator provides an oversampled seri-
al bit stream at 256 kbits per second (HBR=1) and
128 kbits per second (HBR=0) operating with a
clock rate of 1.024 MHz. Figure 18 illustrates the
CS5320/CS5321 Block Diagram.
The CS5322 is a monolithic digital Finite Impulse
Response (FIR) filter with programmable decima-
tion. The CS5322 and CS5320/CS5321 are intend-
ed to be used together to form a unique high
dynamic range ADC chipset. The CS5322 provides
the digital anti-alias filter for the CS5320/CS5321
modulator output. The CS5322 consists of: a multi-
stage FIR filter, four registers (status, data, offset,
and configuration), a flexible serial input and out-
put port, and a 2-channel input data multiplexer
that selects data from the CS5320/CS5321 (MDA-
TA) or user test data (TDATA). The CS5322 deci-
mates (64x to 4096x) the output to any of seven
selectable up-date periods: 16, 8, 4, 2, 1, 0.5 and
0.25 milliseconds. Data is output from the digital
filter in a 24-bit serial format. Figure 19 illustrates
the CS5322 Block Diagram.
Figure 18. CS5320/21 Block Diagram
AINR
Vdd1
Σ
Osc.
Detect
AIN+
AIN-
VREF+
VREF-
D/A
A/D
Digital
Control
MDATA
MDATA
Clock
Generation
MSYNC
MCLK
HBR
MFLG
OFST
LPWR
Vss1
AGND
Vdd2
Vss2
DGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com