Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS5320
Description  24-Bit Variable Bandwidth A/D Converter Chipset
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5320 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS5320 Datasheet HTML 4Page - Cirrus Logic CS5320 Datasheet HTML 5Page - Cirrus Logic CS5320 Datasheet HTML 6Page - Cirrus Logic CS5320 Datasheet HTML 7Page - Cirrus Logic CS5320 Datasheet HTML 8Page - Cirrus Logic CS5320 Datasheet HTML 9Page - Cirrus Logic CS5320 Datasheet HTML 10Page - Cirrus Logic CS5320 Datasheet HTML 11Page - Cirrus Logic CS5320 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
CS5320/21/22
8
DS454PP1
CS5322 FILTER CHARACTERISTICS (T
A = (See Note 1); VD+ = 5.0V; GND = 0V;
CLKIN = 1.024 MHz; transfer function shown in Figure 3; unless otherwise specified.)
Notes: 22. GSB = -130 dB for all Output Word Rates.
Output Word Rate
f0 (Hz)
Passband f1
(Hz)
Passband Flatness
RPB (dB)
-3dB Freq. f2
(Hz)
Stopband f3 (Hz)
(Note 22)
Group Delay
(ms)
4000
2000
1000
500
250
125
62.5
1500
750
375
187.5
93.8
46.9
23.4
0.2
0.04
0.08
0.1
0.1
0.1
0.1
1652.5
824.3
411.9
205.9
102.9
51.5
25.7
2000
1000
500
250
125
62.5
31.25
7.25
14.5
29
58
116
232
464
f1
f2
f3
f
dB
0
GSB
-130
-3
Figure 3. CS5322 Filter Response
Figure 4. CS5322 Digital Filter Passband Ripple
f0 = 62.5 Hz
Figure 5. CS5322 Digital Filter Passband Ripple
f0 = 125 Hz
Figure 6. CS5322 Digital Filter Passband Ripple
f0 = 250 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com