Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS5320
Description  24-Bit Variable Bandwidth A/D Converter Chipset
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5320 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS5320 Datasheet HTML 10Page - Cirrus Logic CS5320 Datasheet HTML 11Page - Cirrus Logic CS5320 Datasheet HTML 12Page - Cirrus Logic CS5320 Datasheet HTML 13Page - Cirrus Logic CS5320 Datasheet HTML 14Page - Cirrus Logic CS5320 Datasheet HTML 15Page - Cirrus Logic CS5320 Datasheet HTML 16Page - Cirrus Logic CS5320 Datasheet HTML 17Page - Cirrus Logic CS5320 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
CS5320/21/22
14
DS454PP1
CS5322 SWITCHING CHARACTERISTICS (continued)
Notes: 24. If MCLK is removed, the modulator will enter the power down mode.
25. Excludes MCLK input. MCLK should be driven with a signal having rise and fall times of 25 ns or faster.
26. Only the rising edge of MSYNC relative to MCLK is used to synchronize the device. MSYNC can return
low at any time as long as it remains high for at least one MCLK cycle.
Parameter
Symbol
Min
Typ
Max
Units
MCLK Frequency
(Note 24)
fc
0.512
1.024
1.1
MHz
MCLK Duty Cycle
40
-
60
%
Rise Times:
Any Digital Input
(Note 25)
Any Digital Output
trise
-
-
-
50
100
200
ns
ns
Fall Times:
Any Digital Input
(Note 25)
Any Digital Output
tfall
-
-
-
50
100
200
ns
ns
SYNC Setup Time to CLKIN rising
tss
20
-
-
ns
SYNC Hold Time after CLKIN rising
tsh
20
-
-
ns
CLKIN edge to MCLK edge
tmss
-30
-
ns
MCLK rising to Valid MDATA
tmsh
-50
-
ns
MSYNC Delay from MCLK rising
(Note 26)
tmsd
-90
-
ns
t mss
CLKIN
SYNC
LSYNC*
MCLK
MSYNC
MDATA
MFLG
* Internal timing signal generated in the CS5322
FILTER
SAMPLES
DATA
t msd
t msd
t msh
t msh
VALID DATA
VALID DATA
t sh
t ss
Figure 17. CS5320/21/CS5322 Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com