Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS5320
Description  24-Bit Variable Bandwidth A/D Converter Chipset
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5320 Datasheet(HTML) 5 Page - Cirrus Logic

  CS5320 Datasheet HTML 1Page - Cirrus Logic CS5320 Datasheet HTML 2Page - Cirrus Logic CS5320 Datasheet HTML 3Page - Cirrus Logic CS5320 Datasheet HTML 4Page - Cirrus Logic CS5320 Datasheet HTML 5Page - Cirrus Logic CS5320 Datasheet HTML 6Page - Cirrus Logic CS5320 Datasheet HTML 7Page - Cirrus Logic CS5320 Datasheet HTML 8Page - Cirrus Logic CS5320 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
CS5320/21/22
DS454PP1
5
CS5320 AND CS5321 ANALOG CHARACTERISTICS (Continued)
Notes: 9. The upper bandwidth limit is determined by the CS5322 digital filter.
10. This input voltage range is for the configuration shown in Figure 20, the System Connection Diagram,
and applies to signal from dc to f3 Hz. Refer to CS5322 Filter Characteristics for the values of f3.
11. All outputs unloaded. All logic inputs forced to Vdd or GND respectively.
12. LPWR = 0.
13. The CS5321 power dissipation can be reduced under the following conditions:
a) LPWR=1; MCLK=512kHz, HBR=1
b) LWPR=1; MCLK=1.024MHz, HBR=0
14. Characterized with a 100 mVp-p sine wave applied separately to each supply.
* Refer to Parameter Definitions (immediately following pin descriptions at the end of this data sheet).
Specifications are subject to change without notice.
Parameter*
CS5320/21
Symbol
Min
Typ
Max
Unit
Input Characteristics
Input Signal Frequencies
(Note 9)
BW
dc
-
1500
Hz
Input Voltage Range
(Note 10)
VIN
-4.5
-
+4.5
V
Input Overrange Voltage
(Note 10)
IOVR
--
5
%F.S.
Power Supplies
DC Power Supply Currents
(Note 11)
LPWR = 0 Positive Supplies
Negative Supplies
LPWR = 1 Positive Supplies
Negative Supplies
-
-
5.5
5.5
3.0
3.0
7.5
7.5
4.5
4.5
mA
mA
mA
mA
Power Consumption
(Note 11)
Normal Operating Mode (Note12)
Lower Power Mode (Note 13)
PDN
PDL
-
-
55
30
75
45
mW
mW
Power Down
PD
-2
-
mW
Power Supply Rejection
(dc to 128 kHz) (Note 14)
PSR
-
60
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com