Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS5320
Description  24-Bit Variable Bandwidth A/D Converter Chipset
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5320 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS5320 Datasheet HTML 16Page - Cirrus Logic CS5320 Datasheet HTML 17Page - Cirrus Logic CS5320 Datasheet HTML 18Page - Cirrus Logic CS5320 Datasheet HTML 19Page - Cirrus Logic CS5320 Datasheet HTML 20Page - Cirrus Logic CS5320 Datasheet HTML 21Page - Cirrus Logic CS5320 Datasheet HTML 22Page - Cirrus Logic CS5320 Datasheet HTML 23Page - Cirrus Logic CS5320 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
CS5320/21/22
20
DS454PP1
2.4 Voltage Reference
The CS5320/21 is designed to operate with a volt-
age reference in the range of 4.0 to 4.5 volts. The
voltage reference is applied to the VREF+ pin with
the VREF- pin connected to the GND. A 4.5 V ref-
erence will result in the best S/N performance but
most 4.5 V references require a power supply volt-
age greater than 5.0 V for operation. A 4.0 V refer-
ence can be used for those applications which must
operate from only 5.0 V supplies, but will yield a
S/N slightly lower (1-2 dB) than when using a 4.5
V reference. The voltage reference should be de-
signed to yield less than 2
µV rms of noise in band
at the VREF+ pin of the CS5320/21. The CS5322
filter selection will determine the bandwidth over
which the voltage reference noise will affect the
CS5320/21/22 dynamic range.
For a 4.5 V reference, the LT1019-4.5 voltage ref-
erence yields low enough noise if the output is fil-
tered with a low pass RC filter as shown in Figure
21 Option A. The filter in Figure 21 Option A is ac-
ceptable for most spectral measurement applica-
tions, but a buffered version with lower source
impedance (Figure 21 Option B) may be preferred
for dc-measurement applications. Due to its dy-
namic (switched-capacitor) input the input imped-
ance of the +VREF pin of the CS5320/21 will
change any time MCLK or HBR is changed. There-
fore the current required from the voltage reference
will change any time MCLK or HBR is changed.
This can affect gain accuracy due to the high source
impedance of the filter resistor in Figure 20 and
Figure 21 Option A. If gain error is to be mini-
mized, especially when MCLK or HBR is changed,
the voltage reference should have lower output im-
pedance. The buffer of Figure 21 Option B offers
lower output impedance and will exhibit better sys-
tem gain stability.
2.5 Clock Source
For proper operation, the CS5320/21 must be pro-
vided with a CMOS-compatible clock on the
MCLK pin. The MCLK for the CS5320/21 is usu-
ally provided by the CS5322 filter. MCLK is usu-
ally 1.024 MHz to set the seven selectable output
word rates from the CS5322. The MCLK frequency
can be as low as 250 kHz and as high as 1.2 MHz.
The choice of clock frequency can affect perfor-
mance; see the Performance section of the data
0.1
µF
+9 to
15V
10
Ω
LT1019-4.5
200
Ω
+
-
49.9
Ω
1k
Ω
100
Ω
1k
Ω
10k
Ω
100
µF
AL
100
µF
AL
+9 to 15V
0.1
µF
+
+
68
µF
Tant
+
0.1
µF
68
µF
+
To VREF+
To VREF+
LT1007
Option A
Option B
Figure 21. 4.5 Voltage Reference with two filter options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com