Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS5320
Description  24-Bit Variable Bandwidth A/D Converter Chipset
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5320 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS5320 Datasheet HTML 2Page - Cirrus Logic CS5320 Datasheet HTML 3Page - Cirrus Logic CS5320 Datasheet HTML 4Page - Cirrus Logic CS5320 Datasheet HTML 5Page - Cirrus Logic CS5320 Datasheet HTML 6Page - Cirrus Logic CS5320 Datasheet HTML 7Page - Cirrus Logic CS5320 Datasheet HTML 8Page - Cirrus Logic CS5320 Datasheet HTML 9Page - Cirrus Logic CS5320 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
CS5320/21/22
6
DS454PP1
CS5320 AND CS5321 SWITCHING CHARACTERISTICS (T
A = (See Note 1); Vdd1, Vdd2 =
5V
± 5%; V
ss1, Vss2 = -5V ± 5%; Inputs: Logic 0 = 0V Logic 1 = V+; CL = 50 pF (Note 15))
Notes: 15. Guaranteed by design, characterization, or test.
16. If MCLK is removed, the modulator will enter the power down mode.
17. Excludes MCLK input. MCLK should be driven with a signal having rise and fall times of 25 ns or faster.
Parameter
Symbol
Min
Typ
Max
Units
MCLK Frequency
(Note 16)
fc
0.250
1.024
1.2
MHz
MCLK Duty Cycle
40
-
60
%
MCLK Jitter (In-band)
-
-
300
ps
Rise Times:
Any Digital Input
(Note 17)
Any Digital Output
trisein
triseout
-
-
-
50
100
200
ns
ns
Fall Times:
Any Digital Input
(Note 17)
Any Digital Output
tfallin
tfallout
-
-
-
50
100
200
ns
ns
MSYNC Setup Time to MCLK rising
tmss
20
-
-
ns
MSYNC Hold Time after MCLK rising
tmsh
20
-
-
ns
MCLK rising to Valid MFLG
tmfh
-140
255
ns
MCLK rising to Valid MDATA
tmdv
-170
300
ns
4.0 V
1.0 V
t fallin
t risein
4.6 V
0.4 V
t riseout
t fallout
Figure 1. Rise and Fall Times
MFLG
MDATA
t mdv
t mdv
VALID DATA
VALID DATA
MCLK
t mss
MSYNC
t mfh
t msh
Figure 2. CS5320 and CS5321 Interface Timing, HBR=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com