Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS5320
Description  24-Bit Variable Bandwidth A/D Converter Chipset
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5320 Datasheet(HTML) 4 Page - Cirrus Logic

  CS5320 Datasheet HTML 1Page - Cirrus Logic CS5320 Datasheet HTML 2Page - Cirrus Logic CS5320 Datasheet HTML 3Page - Cirrus Logic CS5320 Datasheet HTML 4Page - Cirrus Logic CS5320 Datasheet HTML 5Page - Cirrus Logic CS5320 Datasheet HTML 6Page - Cirrus Logic CS5320 Datasheet HTML 7Page - Cirrus Logic CS5320 Datasheet HTML 8Page - Cirrus Logic CS5320 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
CS5320/21/22
4
DS454PP1
1. CHARACTERISTICS AND SPECIFICATIONS
CS5320 AND CS5321 ANALOG CHARACTERISTICS (T
A = (See Note 1); Vss1, Vss2 = -5V;
Vdd1, Vdd2 = +5V; VD+ = 5V; AGND = DGND = 0V; HBR = Vdd LPWR = 0, MCLK = 1.024 MHz; Device connected as
shown in Figure 20, CS5322 used for filtering; Logic 1 = VD+, Logic 0 = 0V; unless otherwise specified.)
Notes: 1. CS5320-KL and CS5322-KL are guaranteed from 0o to 70o C. CS5322-BL is guaranteed from -40o to
+85o C. CS5321-BL is guaranteed from -55o to +85o C.
2. fO = CS5322 output word rate. Refer to “CS5322 FILTER CHARACTERISTICS” on page 8 for details
on the FIR Filter.
3. Characterized with full scale input signal of 50 Hz; fo = 500 Hz.
4. Characterized with input signals of 30 Hz and 50 Hz, each 6 dB down from full scale with fo = 1000 Hz.
5. Specification is for the parameter over the specified temperature range and is for the CS5320/21 device
only (VREF = +4.5 V). It does not include the effects of external components; OFST = 0.
6. Drift specifications are guaranteed by design and/or characterization.
7. The offset after calibration specification applies to the effective offset voltage for a
±4.5 volt input to the
CS5320/21 modulator, but is relative to the output digital codes from the CS5322 after ORCAL and
USEOR have been made active.
8. The CS5322 offset calibration is performed digitally and includes
± full scale (±4.5 volts into
CS5320/21). Calibration of offsets greater than
±5% of full scale will begin to subtract from the dynamic
range.
Parameter*
CS5320
CS5321
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Dynamic Performance
Dynamic Range
(Note 2)
HBR = 1
fO = 4000 Hz
OFST = 1
fO = 2000 Hz
fO = 1000 Hz
fO = 500 Hz
fO = 250 Hz
fO = 125 Hz
fO = 62.5 Hz
HBR = 0
fO = 4000 Hz
OFST = 1
fO = 2000 Hz
fO = 1000 Hz
fO = 500 Hz
fO = 250 Hz
fO = 125 Hz
fO = 62.5 Hz
DR
-
-
113
-
-
-
-
-
-
-
-
-
-
-
103
118
121
124
127
129
130
99
115
118
121
124
126
127
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
116
-
-
-
-
-
-
-
-
-
-
-
103
118
121
124
127
129
130
99
115
118
121
124
126
127
-
-
-
-
-
-
-
-
-
-
-
-
-
-
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
Signal-to-Distortion
(Note 3)
HBR = 1
HBR = 0
SDR
100
-
110
120
-
-
100
110
115
120
-
-
dB
dB
Intermodulation Distortion
(Note 4)
IMD
-
105
-
-
110
-
dB
dc Accuracy
Full Scale Error
(Note 5)
FSE
-
1
-
-
1
-
%
Full Scale Drift
(Note 5,6)
TCFS
-5
-
-
5
-
ppm/°C
Offset
(Note 5)
VZSE
-10
-
-
10
-
mV
Offset after Calibration
(Note 7)
-
±100
-
-
±100
-
µV
Offset Calibration Range
(Note 8)
-
100
-
-
100
-
%F.S.
Offset Drift
(Note 5,6)
TCZSE
-60
-
-60
-
µV/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com