Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS5320
Description  24-Bit Variable Bandwidth A/D Converter Chipset
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5320 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS5320 Datasheet HTML 15Page - Cirrus Logic CS5320 Datasheet HTML 16Page - Cirrus Logic CS5320 Datasheet HTML 17Page - Cirrus Logic CS5320 Datasheet HTML 18Page - Cirrus Logic CS5320 Datasheet HTML 19Page - Cirrus Logic CS5320 Datasheet HTML 20Page - Cirrus Logic CS5320 Datasheet HTML 21Page - Cirrus Logic CS5320 Datasheet HTML 22Page - Cirrus Logic CS5320 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
CS5320/21/22
DS454PP1
19
ferred offset will be added internal to the
CS5320/21 and guarantee that any idle tones
present will lie out-of-band. The user should be
certain that when OFST is active (OFST =1) that
the offset voltage generated by the user circuitry
does not negate the offset added by the OFST pin.
2.3 Input Range and Overrange Conditions
The analog input is applied to the AIN+ and AINR
pins with the AIN- pin connected to GND. The in-
put is fully differential but for proper operation the
AIN- pin must remain at GND potential.
The analog input span is defined by the voltage ap-
plied between the VREF+ and VREF- input pins.
See the Voltage Reference section of this data sheet
for voltage reference requirements.
The modulator is a fourth order delta-sigma and is
therefore conditionally stable. The modulator may
go into an oscillatory condition if the analog input
is overranged. Input signals which exceed either
plus or minus full scale by more than 5 % can intro-
duce instability in the modulator. If an unstable
condition is detected, the modulator will be re-
duced to a first order system until loop stability is
achieved. If this occurs the MFLG pin will transi-
tion from a low to a high will result in an error bit
being set in the CS5322. The input signal must be
reduced to within the full scale range of the con-
verter for at least 32 MCLK cycles for the modula-
tor to recover from this error condition.
TDATA
VD+
DGND
+5 V
Digital
Supply
0.01
µF
SID
SOD
SCLK
CS
R/W
DRDY
RSEL
ERROR
CSEL
PWDN
USEOR
ORCAL
DECA
DECB
DECC
CLKIN
SYNC
Serial
Data
Interface
Unused logic
inputs must be
connected to
DGND or VD+
CS5322
Control
Hardware
VD+
DGND
+5 V
Digital
Supply
0.01
µF
H/S
RESET
3
2
11
21
20
25
24
26
1
28
22
27
23
12
13
14
15
19
18
17
16
4
9
8
GND1
VREF+
Vdd2
Vss2
Vdd1
0.1
µF
0.1
µF
-5V
Analog
Supply
+5V
Analog
Supply
CS5320/21
0.1
µF
Test
Data
+
10
µF
+
10
µF
2
22
21
5
1
GND2
Vss1
0.1
µF
3
4
GND9
GND10
GND8
+4.5V
VREF
0.1
µF
68
µF
+
TANT.
19
16
15
VREF-
6
AIN+
0.1
µF
9
Signal
Source
COG
AIN-
8
AINR
10
GND5
12
GND6
13
GND3
7
GND4
11
14
GND7
402
Ω
MSYNC
5
MSYNC
25
MFLG
6
MFLG
24
MCLK
7
MCLK
20
MDATA
10
MDATA
18
GND11
23
OFST
28
LPWR
27
HBR
26
Control
Logic
Clock
Source
17
MDATA
200
Ω
0.1
µF
COG
402
Ω
Figure 20. System Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com