Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 31 Page - Cirrus Logic

Part # CS5320
Description  24-Bit Variable Bandwidth A/D Converter Chipset
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5320 Datasheet(HTML) 31 Page - Cirrus Logic

Back Button CS5320 Datasheet HTML 27Page - Cirrus Logic CS5320 Datasheet HTML 28Page - Cirrus Logic CS5320 Datasheet HTML 29Page - Cirrus Logic CS5320 Datasheet HTML 30Page - Cirrus Logic CS5320 Datasheet HTML 31Page - Cirrus Logic CS5320 Datasheet HTML 32Page - Cirrus Logic CS5320 Datasheet HTML 33Page - Cirrus Logic CS5320 Datasheet HTML 34Page - Cirrus Logic CS5320 Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
CS5320/21/22
DS454PP1
31
4. CS5322 PIN DESCRIPTIONS
Power Supplies
VD+ – Positive Digital Power, Pin 8, 21
Positive digital supply voltage. Nominally +5 volts.
DGND – Digital Ground, Pin 9, 20
Digital ground reference.
Digital Outputs
MCLK – Modulator Clock Output, Pin 7
A CMOS-compatible clock output (nominally 1.024 MHz) that provides the necessary clock for
operation of the modulator.
MSYNC – Modulator Sync, Pin 5
The transition from a low to high level on this output will re-initialize the CS5320/21.
ERROR - Error Flag, Pin 23
This signal is the output of an open pull-up NOR gate with a nominal 100 k
Ω pull-up resistor
to which the error status data (OVERWRITE error, MFLG error, ACC1 error and ACC2 error)
are inputs. When low, it notifies the host processor that an error condition exists. The ERROR
signal can be wire OR’d together with other filters’ outputs. The value of the internal pull-up
resistor is 100 k
Ω.
DRDY - Data Ready, Pin 22
When high, data is ready to be shifted out of the serial port data register.
TOP
VIEW
22
20
24
19
21
23
25
327
2
42 6
28
1
12
14
16
18
13
15
17
8
6
10
5
7
9
11
CHIP SELECT
CS
FRAME SYNC
SYNC
R/W
READ/WRITE
CLOCK INPUT
CLKIN
RSEL
REGISTER SELECT
RESET RESET
SCLK
SERIAL CLOCK
MODULATOR SYNC MSYNC
SID
SERIAL INPUT DATA
MODULATOR FLAG
MFLG
SOD
SERIAL OUTPUT DATA
MODULATOR CLOCK
MCLK
CS5322
ERROR ERROR FLAG
POSITIVE DIGITAL POWER
VD+
DRDY
DATA READY
DIGITAL GROUND
DGND
VD+
POSITIVE DIGITAL POWER
MODULATOR DATA MDATA
DGND
DIGITAL GROUND
TEST DATA TDATA
ORCAL OFFSET CALIBRATION
CHANNEL SELECT
CSEL
DECA
DECIMATION RATE CONTROL
HARDWARE/SOFTWARE MODE
H/S
DECIMATION RATE CONTROL
POWER DOWN PWDN
DECB
DECC
DECIMATION RATE CONTROL
USEOR USE OFFSET REGISTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com