Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB5339 Datasheet (PDF) - Cirrus Logic

CDB5339 Datasheet PDF - Cirrus Logic
Part # CDB5339
Download  CDB5339 Download
File Size   816.67 Kbytes
Page   34 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 16-Bit, Stereo A/D Converters for Digital Audio

CDB5339 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDB5339 Datasheet PDF - Cirrus Logic

Part # CDB5339
Download  CDB5339 Click to download

File Size   816.67 Kbytes
Page   34 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 16-Bit, Stereo A/D Converters for Digital Audio

CDB5339 Datasheet (HTML) - Cirrus Logic


CDB5339 Product details

Features
· Complete CMOS Stereo A/D System
Delta-Sigma A/D Converters
Digital Anti-Alias Filtering
S/H Circuitry and Voltage Reference
· Adjustable System Sampling Rates
including 32kHz, 44.1 kHz & 48kHz
· Low Noise and Distortion
>90 dB S/(N+D)
· Internal 64X Oversampling
· Linear Phase Digital Anti-Alias Filtering
0.01dB Passband Ripple
80dB Stopband Rejection
· Low Power Dissipation: 400 mW
Power-Down Mode for Portable
Applications
· Evaluation Board Available




Similar Part No. - CDB5339

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB5330A CIRRUS-CDB5330A Datasheet
666Kb / 14P
Evaluation Board
CDB5331A CIRRUS-CDB5331A Datasheet
666Kb / 14P
Evaluation Board
CDB5333 CIRRUS-CDB5333 Datasheet
375Kb / 20P
24-Bit, 96 kHz Stereo A/D Converter?
CDB5334 CIRRUS-CDB5334 Datasheet
749Kb / 18P
Evaluation Board
CDB5335 CIRRUS-CDB5335 Datasheet
749Kb / 18P
Evaluation Board
More results


Similar Description - CDB5339

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9480F ROHM-BU9480F Datasheet
56Kb / 5P
16-bit stereo D / A converter for audio applications
logo
Sanyo Semicon Device
LC78850 SANYO-LC78850 Datasheet
166Kb / 8P
Two-channel,16- and 18-bit D/A Converters for Digital Audio
logo
Cirrus Logic
CS4329 CIRRUS-CS4329 Datasheet
1Mb / 36P
20-Bit, Stereo D/A Converter for Digital Audio
CS4390 CIRRUS-CS4390 Datasheet
629Kb / 22P
24-Bit, Stereo D/A Converter for Digital Audio
CS5126 CIRRUS-CS5126 Datasheet
394Kb / 32P
16-Bit Stereo A/D Converter for Digital Audio
CS5360 CIRRUS-CS5360 Datasheet
546Kb / 22P
24-Bit Stereo A/D Converter for Digital Audio
CS4328 CIRRUS-CS4328 Datasheet
831Kb / 31P
18-Bit, Stereo D/A Converter for Digital Audio
OCT 1993
CS5336 CIRRUS-CS5336 Datasheet
681Kb / 34P
16-Bit, Stereo A/D Converters for Digital Audio
CS5334 CIRRUS-CS5334 Datasheet
437Kb / 20P
20-Bit, Stereo A/D Converter for Digital Audio
CS5326 CIRRUS-CS5326 Datasheet
688Kb / 19P
16 & 18-Bit, Stereo A/D Converters for Digital Audio
MAR 92
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com