Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCR1210-R100F Datasheet (PDF) - Skyworks Solutions Inc.

LCR1210-R100F Datasheet PDF - Skyworks Solutions Inc.
Part # LCR1210-R100F
Download  LCR1210-R100F Download
File Size   1233.4 Kbytes
Page   59 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description SINGLE-CHIP DUAL PROSLIC®

LCR1210-R100F Datasheet (PDF)

Go To PDF Page Download Datasheet
LCR1210-R100F Datasheet PDF - Skyworks Solutions Inc.

Part # LCR1210-R100F
Download  LCR1210-R100F Click to download

File Size   1233.4 Kbytes
Page   59 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description SINGLE-CHIP DUAL PROSLIC®

LCR1210-R100F Datasheet (HTML) - Skyworks Solutions Inc.


LCR1210-R100F Product details

Si32260/1 Features
 Two complete FXS channels in a single
6 x 8 mm or 8 x 8 mm package
 Performs all BORSCHT functions
 Ideal for short- or long-loop applications
 Ultra low power consumption
 Internal balanced or unbalanced ringing
 Patented low power ringing
 Adaptive ringing
 Simplified configuration and diagnostics
Supported by ProSLIC API
GR-909 loop diagnostics
Audio diagnostics with loopback
Integrated test load
 Wideband voice support
 On-hook transmission
 Loop or ground start operation
 Smooth polarity reversal
 Pulse metering
 PCM and SPI bus digital interfaces with
programmable interrupts
 Software-programmable parameters:
Ringing frequency, amplitude,
cadence, and waveshape
Two-wire ac impedance
Transhybrid balance
DC current loop feed (10–45 mA)
Loop closure and ring trip thresholds
Ground key detect threshold
 Integrated dc-dc controllers with direct
connection to MOSFET
 Three high voltage supply options
Full tracking
Tracking shared supplies
Fixed rail
 DTMF generator/decoder
 A-Law/μ-Law companding, linear PCM
 GCI/IOM-2 mode support
 3.3 V operation
 Pb-free/RoHS-compliant packaging




Similar Part No. - LCR1210-R100F

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
LCR1210-R100F SKYWORKS-LCR1210-R100F Datasheet
653Kb / 47P
PROSLIC® SINGLE-CHIP FXS SOLUTION
Rev. 1.1 August 31, 2021
LCR1210-R100F SKYWORKS-LCR1210-R100F Datasheet
616Kb / 46P
PROSLIC® SINGLE-CHIP FXS SOLUTION WITH INTEGRATED SERIAL INTERFACE (ISI)
Rev. 1.0 August 31, 2021
More results


Similar Description - LCR1210-R100F

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3220PPT-EVB SILABS-SI3220PPT-EVB Datasheet
777Kb / 16P
EVALUATION BOARD FOR THE Si3220 DUAL PROSLIC
SI32178-B-FM SILABS-SI32178-B-FM Datasheet
91Kb / 2P
ProSLIC Single-Chip FXS Solution with FXO Option
SI32260 SILABS-SI32260 Datasheet
102Kb / 3P
Single-Chip Dual ProSLIC
logo
Skyworks Solutions Inc.
SI32172 SKYWORKS-SI32172 Datasheet
616Kb / 46P
PROSLIC® SINGLE-CHIP FXS SOLUTION WITH INTEGRATED SERIAL INTERFACE (ISI)
Rev. 1.0 August 31, 2021
SI3217X-C SKYWORKS-SI3217X-C Datasheet
653Kb / 47P
PROSLIC® SINGLE-CHIP FXS SOLUTION
Rev. 1.1 August 31, 2021
SI3217XB SKYWORKS-SI3217XB Datasheet
1Mb / 50P
PROSLIC® SINGLE-CHIP FXS SOLUTION WITH FXO OPTION
Rev. 1.5 August 12, 2021
SI3218X SKYWORKS-SI3218X Datasheet
1Mb / 43P
ProSLIC® Single-Channel FXS Solutions
Rev. 1.0 October 6, 2021
SI3219X SKYWORKS-SI3219X Datasheet
1Mb / 32P
ProSLIC® Single FXS Solution
Rev. 1.0 October 6, 2021
SI3228X SKYWORKS-SI3228X Datasheet
1Mb / 42P
ProSLIC® Single-Chip Dual FXS Solution
Rev. 1.0 August 11, 2021
SI3229X SKYWORKS-SI3229X Datasheet
1Mb / 43P
ProSLIC® Single-Chip Dual FXS Solution
Rev. 1.1 July 26, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com